Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-2016-T101MK Datasheet(PDF) 9 Page - Kemet Corporation

Part # LB-2016-T101MK
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LB-2016-T101MK Datasheet(HTML) 9 Page - Kemet Corporation

Back Button LB-2016-T101MK Datasheet HTML 5Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 6Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 7Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 8Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 9Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 10Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 11Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 12Page - Kemet Corporation LB-2016-T101MK Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
9
0805 Case Size Low RDC Type (CB 2012 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
CB-2012T2R2MRK
2.2
±20%
80
0.23
410
770
7.96
3,000
CB-2012T4R7MRK
4.7
±20%
45
0.40
300
580
7.96
3,000
CB-2012T100MRK
10
±20%
32
0.50
200
520
2.52
3,000
CB-2012T220MRK
22
±20%
16
1.70
135
280
2.52
3,000
CB-2012T470MRK
47
±20%
11
3.70
90
190
2.52
3,000
0805 Case Size High Current Type (CBC 2012 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
CBC2012T1R0M-K
1.0
±20%
100
0.19
700
840
7.96
3,000
CBC2012T2R2M-K
2.2
±20%
70
0.33
530
640
7.96
3,000
CBC2012T4R7M-K
4.7
±20%
45
0.50
360
520
7.96
3,000
CBC2012T100M-K
10
±20%
40
1.20
240
340
2.52
3,000
CBC2012T220M-K
22
±20%
16
3.70
170
190
2.52
3,000
CBC2012T470M-K
47
±20%
11
5.80
120
150
2.52
3,000
0806 Case Size High Current Type (CBC 2016 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA) Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
CBC2016T1R0M-K
1.0
±20%
100
0.1
1100
1100
7.96
3,000
CBC2016T1R5M-K
1.5
±20%
80
0.15
1000
1000
7.96
3,000
CBC2016T2R2M-K
2.2
±20%
70
0.20
750
720
7.96
3,000
CBC2016T3R3M-K
3.3
±20%
55
0.27
600
610
7.96
3,000
CBC2016T4R7M-K
4.7
±20%
45
0.37
550
530
7.96
3,000
CBC2016T6R8M-K
6.8
±20%
38
0.59
450
450
7.96
3,000
CBC2016T100(_)-K
10
K=10%, M=20%
32
0.82
380
350
2.52
3,000
CBC2016T150(_)-K
15
K=10%, M=20%
28
1.2
300
300
2.52
3,000
CBC2016T220(_)-K
22
K=10%, M=20%
16
1.8
250
240
2.52
3,000
CBC2016T330(_)-K
33
K=10%, M=20%
14
2.8
220
220
2.52
3,000
CBC2016T470(_)-K
47
K=10%, M=20%
11
4.3
150
150
2.52
3,000
CBC2016T680(_)-K
68
K=10%, M=20%
10
7
130
130
2.52
3,000
CBC2016T101(_)-K
100
K=10%, M=20%
8
8
110
110
0.796
3,000
0806 Case Size Low RDC Type (CB 2016 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
CB-2016T2R2M-K
2.2
±20%
70
0.13
510
1000
7.96
2,000
CB-2016T4R7M-K
4.7
±20%
45
0.25
340
740
7.96
2,000
CB-2016T100M-K
10
±20%
32
0.50
250
520
2.52
2,000
CB-2016T220M-K
22
±20%
16
1.00
165
370
2.52
2,000
CB-2016T470M-K
47
±20%
11
2.40
110
240
2.52
2,000
*For rated current of ordinary small power choke coils, please refer to the rated current (1) in the above table.
*For current (2) is the current for instantaneous flow such as plunging current of DC/DC converter.
In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc, please contact our sales section before
practical application.
Rated current (1):Current value to guarantee -30% of nominal inductance
Rated current (2):Current value to guarantee component temperature within AT = 40°C with current flow. (It's not the current to guarantee the inductance value)
(_) - Insert Inductance Tolerance Code (K or M)
1007 Case Size Low RDC Type (CB 2518 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current
(mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
12
CB-2518T2R2M-K
2.2
±20%
68
0.09
510
1300
7.96
2,000
CB-2518T4R7M-K
4.7
±20%
46
0.13
340
1100
7.96
2,000
CB-2518T100M-K
10
±20%
30
0.25
250
820
2.52
2,000
CB-2518T220M-K
22
±20%
19
0.50
165
580
2.52
2,000
CB-2518T470M-K
47
±20%
12
0.95
110
420
2.52
2,000


Similar Part No. - LB-2016-T101MK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-20 ETC-LB-20 Datasheet
70Kb / 1P
   Effect of PWB Copper Area on Thermal Performance of 20-Lead SOIC LB Package
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
More results

Similar Description - LB-2016-T101MK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com