Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T494D105K035AT Datasheet(PDF) 4 Page - Kemet Corporation

Part # T494D105K035AT
Description  SOLID TANTALUM CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494D105K035AT Datasheet(HTML) 4 Page - Kemet Corporation

  T494D105K035AT Datasheet HTML 1Page - Kemet Corporation T494D105K035AT Datasheet HTML 2Page - Kemet Corporation T494D105K035AT Datasheet HTML 3Page - Kemet Corporation T494D105K035AT Datasheet HTML 4Page - Kemet Corporation T494D105K035AT Datasheet HTML 5Page - Kemet Corporation T494D105K035AT Datasheet HTML 6Page - Kemet Corporation T494D105K035AT Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
30
Print Week Code:
1st Digit = Y ear
2nd & 3rd Digits = Week
"527" = The 27th week of 2005
Polarity
Indicator (+)
(
Denotes T494)
Picofarad
Code
KEMET
I. D. Symbol
Rated
Voltage
107
10 K
527
CONSTRUCTION
CAPACITOR MARKINGS
T494 Series — All Case Sizes
Negative
Termination*
Mn02 Coat
(First Layer)
Silver Paint
(Third Layer)
Tantalum
Wire
Carbon
(Second Layer)
Tantalum
(Ta2O5)
Molded
Case
Silver Adhesive
Washer
Positive
Termination*
Weld
Polarity
Stripe (+)
Polarity
Bevel (+)
*100% tin
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES—Low ESR, Industrial Grade
T494 RATINGS & PART NUMBER REFERENCE
(1)
To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance.
(2)
To complete KEMET Part Number, insert S, H, G, or T lead material designation as shown on page 27.
*Extended Values
**6 Volt product equivalent to 6.3 volt product.
#Maximum Capacitance Change @ 125ºC=+15%.
†Maximum Capacitance Change @ 125ºC=+20%.
Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET’s option.
Voltage substitutions will be marked with the higher voltage rating.
Capaci-
tance
μF
Case
Size
KEMET
Part Number
DC
Leakage
μA @ 25°C
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
µA @ 25°C
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25ºC
100 kHz
Max
0.10
A
T494A104(1)035A(2)
0.5
4.0
10.0
0.15
A
T494A154(1)035A(2)
0.5
4.0
6.0
0.22
A
T494A224(1)035A(2)
0.5
4.0
6.0
0.33
A
T494A334(1)035A(2)
0.5
4.0
6.0
0.47
B
T494B474(1)035A(2)
0.5
4.0
2.5
0.47
A
T494A474(1)035A(2)
0.5
4.0
4.0
0.68
B
T494B684(1)035A(2)
0.5
4.0
2.5
0.68
A
T494A684(1)035A(2)
0.5
4.0
6.0
1.0
B
T494B105(1)035A(2)
0.5
4.0
2.0
1.0
A
T494A105(1)035A(2)
0.5
4.0
6.0
1.5
C
T494C155(1)035A(2)
0.5
6.0
2.5
1.5
B
T494B155(1)035A(2)
0.5
6.0
3.0
2.2
C
T494C225(1)035A(2)
0.8
6.0
1.5
2.2
B
T494B225(1)035A(2)
0.8
6.0
2.5
3.3
C
T494C335(1)035A(2)
1.2
6.0
0.8
#3.3
B
T494B335(1)035A(2)
1.2
6.0
1.3
4.7
D
T494D475(1)035A(2)
1.7
6.0
0.7
4.7
C
T494C475(1)035A(2)
1.7
6.0
0.7
6.8
D
T494D685(1)035A(2)
2.4
6.0
0.5
6.8
C
T494C685(1)035A(2)
2.4
6.0
0.9
10.0
D
T494D106(1)035A(2)
3.5
6.0
0.4
#10.0
C
T494C106M035A(2)
3.5
6.0
1.2
#10.0
*V
T494V106(1)035A(2)
3.5
6.0
0.8
15.0
X
T494X156(1)035A(2)
5.3
6.0
0.30
15.0
D
T494D156(1)035A(2)
5.3
6.0
0.35
#22.0
X
T494X226(1)035A(2)
7.7
6.0
0.3
#22.0
D
T494D226(1)035A(2)
7.7
6.0
0.4
#33.0
D
T494D336(1)035A(2)
11.6
6.0
0.6
#33.0
X
T494X336(1)035A(2)
11.6
6.0
0.6
†47.0
X
T494X476(1)035A(2)
16.5
8.0
0.5
†47.0
E
T494E476(1)035A(2)
16.5
10.0
0.3
0.10
A
T494A104(1)050A(2)
0.5
4.0
10.0
0.15
B
T494B154(1)050A(2)
0.5
4.0
10.0
0.15
A
T494A154(1)050A(2)
0.5
4.0
10.0
0.22
B
T494B224(1)050A(2)
0.5
4.0
10.0
0.33
B
T494B334(1)050A(2)
0.5
4.0
2.5
0.47
C
T494C474(1)050A(2)
0.5
4.0
1.8
0.47
B
T494B474(1)050A(2)
0.5
4.0
2.0
0.68
C
T494C684(1)050A(2)
0.5
4.0
1.6
0.68
B
T494B684(1)050A(2)
0.5
4.0
3.0
1.0
C
T494C105(1)050A(2)
0.5
4.0
1.6
#1.0
V
T494V105M050A(2)
0.5
4.0
4.0
1.5
D
T494D155(1)050A(2)
0.8
6.0
1.0
1.5
C
T494C155(1)050A(2)
0.8
6.0
1.5
2.2
D
T494D225(1)050A(2)
1.1
6.0
0.8
2.2
C
T494C225(1)050A(2)
1.1
6.0
1.5
3.3
D
T494D335(1)050A(2)
1.7
6.0
0.8
4.7
D
T494D475(1)050A(2)
2.4
6.0
0.6
6.8
X
T494X685(1)050A(2)
3.5
6.0
0.5
#6.8
D
T494D685(1)050A(2)
3.4
6.0
0.7
#10.0
X
T494X106M050A(2)
5.0
6.0
0.4
#10.0
D
T494D106(1)050A(2)
5.0
6.0
0.7
†15.0
X
T494X156(1)050A(2)
7.5
6.0
0.4
50 Volt Rating at +85ºC (33 Volt Rating at +125ºC)
35 Volt Rating at +85ºC (23 Volt Rating at +125ºC)


Similar Part No. - T494D105K035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494D106K025AS KEMET-T494D106K025AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494D106K025AT KEMET-T494D106K025AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 10 uF, 7343, /-10% Tol, 25 VDC (85C)
T494D106K035AS KEMET-T494D106K035AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494D106K035AT KEMET-T494D106K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 400 mOhms, Height Max = 3.1mm
T494D106K050AT KEMET-T494D106K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 10 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 700 mOhms, 3.1mm
More results

Similar Description - T494D105K035AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com