Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1208D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF1208D
Description  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1208D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1208D Datasheet HTML 2Page - NXP Semiconductors BF1208D Datasheet HTML 3Page - NXP Semiconductors BF1208D Datasheet HTML 4Page - NXP Semiconductors BF1208D Datasheet HTML 5Page - NXP Semiconductors BF1208D Datasheet HTML 6Page - NXP Semiconductors BF1208D Datasheet HTML 7Page - NXP Semiconductors BF1208D Datasheet HTML 8Page - NXP Semiconductors BF1208D Datasheet HTML 9Page - NXP Semiconductors BF1208D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
BF1208D_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 May 2007
6 of 22
NXP Semiconductors
BF1208D
Dual N-channel dual gate MOSFET
[1]
For the MOSFET not in use: VG1-S(B) = 0 V; VDS(B) =0V.
[2]
Calculated from S-parameters.
[3]
Measured in Figure 33 test circuit.
8.1.1 Graphics for amplifier A
Xmod
cross modulation
input level for k = 1 %; fw = 50 MHz;
funw =60MHz
[3]
at 0 dB AGC
90
-
-
dB
µV
at 10 dB AGC
-
90
-
dB
µV
at 20 dB AGC
-
99
-
dB
µV
at 40 dB AGC
102
105
-
dB
µV
Table 8.
Dynamic characteristics for amplifier A[1] …continued
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 19 mA; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
VDS(A) =5V; VG1-S(B) =VDS(B) =0V; Tj =25 °C.
(1) VG1-S(A) = 1.8 V.
(2) VG1-S(A) = 1.7 V.
(3) VG1-S(A) = 1.6 V.
(4) VG1-S(A) = 1.5 V.
(5) VG1-S(A) = 1.4 V.
(6) VG1-S(A) = 1.3 V.
(7) VG1-S(A) = 1.2 V.
(8) VG1-S(A) = 1.1 V.
(9) VG1-S(A) =1V.
VG2-S =4V; VG1-S(B) =VDS(B) =0V; Tj =25 °C.
Fig 4.
Amplifier A: transfer characteristics; typical
values
Fig 5.
Amplifier A: output characteristics; typical
values
VG1-S (V)
02
1.6
0.8
1.2
0.4
001aaa554
10
20
30
ID
(mA)
0
(1)
(2)
(3)
(4)
(5)
(7)
(6)
001aaa555
VDS (V)
06
4
2
16
8
24
32
ID
(mA)
0
(2)
(3)
(4)
(6)
(7)
(9)
(8)
(5)
(1)


Similar Part No. - BF1208D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1208D NXP-BF1208D Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1208D_2015 JMNIC-BF1208D_2015 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
More results

Similar Description - BF1208D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com