Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA2421DH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA2421DH
Description  2.45 GHz low voltage RF transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421DH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA2421DH Datasheet HTML 2Page - NXP Semiconductors SA2421DH Datasheet HTML 3Page - NXP Semiconductors SA2421DH Datasheet HTML 4Page - NXP Semiconductors SA2421DH Datasheet HTML 5Page - NXP Semiconductors SA2421DH Datasheet HTML 6Page - NXP Semiconductors SA2421DH Datasheet HTML 7Page - NXP Semiconductors SA2421DH Datasheet HTML 8Page - NXP Semiconductors SA2421DH Datasheet HTML 9Page - NXP Semiconductors SA2421DH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
6
Table 1.
Truth Table
Chip-En
ATT-SW
TX–RX
Mode
LNA Gain
RX Mixer
TX Mixer and
Predriver
0
X
X
Sleep
N/S
off
off
1
1
0
Receive
+14.3 dB
on
off
1
0
0
Receive
–19 dB
on
off
1
X
1
Transmit
N/S
off
on
FUNCTIONAL DESCRIPTION
The SA2421 is a 2.45 GHz transceiver front-end available in the
TSSOP-24 package. This integrated circuit (IC) consists of a low
noise amplifier (LNA) and up- and down-converters. There is an
enable/disable switch available to power up/down the entire chip in
1
µs, typically. This transceiver has several unique features.
The LNA has two operating modes: 1) high gain mode with a gain =
+14.3 dB; and 2) low gain mode with a gain –19 dB. The switch for
this option is internal and is controlled externally by high and low
logic to the pin. When the LNA is switched into the attenuation
mode, active matching circuitry (on-chip) is switched in (reducing the
number of off-chip components required). To reduce power
consumption when the chip is transmitting, the LNA is automatically
switched into a “sleep” mode (internally) without the use of external
circuitry.


Similar Part No. - SA2421DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2420 PHILIPS-SA2420 Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
SA2420DH PHILIPS-SA2420DH Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
More results

Similar Description - SA2421DH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2500HP-RC232 ETC2-RC2500HP-RC232 Datasheet
603Kb / 22P
   2.45 GHz High Power Multi-Channel RF Transceiver Module
logo
Johanson Technology Inc...
2450LP07A0100 JOHANSON-2450LP07A0100 Datasheet
125Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100 JOHANSON-2450LP14C100 Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050E JOHANSON-2450LP15B050E Datasheet
170Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050 JOHANSON-2450LP15B050 Datasheet
127Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100T JOHANSON-2450LP14C100T Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
Texas Instruments
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com