Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT86 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT86
Description  Schottky barrier diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT86 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT86_00 Datasheet HTML 1Page - NXP Semiconductors BAT86_00 Datasheet HTML 2Page - NXP Semiconductors BAT86_00 Datasheet HTML 3Page - NXP Semiconductors BAT86_00 Datasheet HTML 4Page - NXP Semiconductors BAT86_00 Datasheet HTML 5Page - NXP Semiconductors BAT86_00 Datasheet HTML 6Page - NXP Semiconductors BAT86_00 Datasheet HTML 7Page - NXP Semiconductors BAT86_00 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2000 May 25
4
Philips Semiconductors
Product specification
Schottky barrier diode
BAT86
GRAPHICAL DATA
Fig.2 Derating curve.
handbook, halfpage
0
50
100
150
200
250
0
50
100
150
IF(AV)
(mA)
T
( C)
amb
o
MRA540
handbook, halfpage
1.2
0.8
0.4
0
VF (V)
IF
(mA)
103
102
10
1
10−1
MLD357
(1) (2) (3)
(1)
(2) (3)
Fig.3
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
10 5
10
(nA)
I
R
4
10 3
10 2
10
10
1
−1
50
0
MGC686
10
20
30
40
V
R
(V)
(1)
(2)
(3)
Fig.4
Reverse current as a function of reverse
voltage; typical values.
f = 1 MHz.
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
050
12
Cd
0
4
8
(pF)
MGC687
10
20
30
40
V
R
(V)


Similar Part No. - BAT86_00

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86_08 Datasheet
495Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - BAT86_00

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com