Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA2421 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA2421 Datasheet HTML 1Page - NXP Semiconductors SA2421 Datasheet HTML 2Page - NXP Semiconductors SA2421 Datasheet HTML 3Page - NXP Semiconductors SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
–0.3 to +6
V
VIN
Voltage applied to any pin
–0.3 to (VCC + 0.3)
V
PD
Power dissipation, Tamb = 25°C (still air)
24-Pin Plastic TSSOP
555
mW
TJMAX
Maximum operating junction temperature
150
°C
PMAX
Maximum power (RF/IF/LO pins)
+20
dBm
TSTG
Storage temperature range
–65 to +150
°C
NOTES:
1. Transients exceeding these conditions may damage the product.
2. Maximum dissipation is determined by the operating ambient temperature and the thermal resistance, and absolute maximum ratings may
impact product reliability
θJA: 24-Pin TSSOP = 117°C/W
3. IC is protected for ESD voltages up to 2000 V, human body model.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
2.7 to 5.5
V
Tamb
Operating ambient temperature range
–40 to +85
°C
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, Tamb = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICCTX
Total supply current, Transmit
Tx/Rx = Hi
22
34
42
mA
ICCRX
Total supply current, Receive
Tx/Rx mode = Lo,
LNA = Hi gain
14
20
26
mA
ICC OFF
Power down mode
Tx/Rx = GND
Atten SW = VCC
Enable = GND
10
µA
VLNA-IN
LNA input voltage
Receive mode
0.855
V
VLO GHz
LO buffer DC input voltage
Tx/Rx = Lo
–0.1
VCC
V
VTX IF
Tx Mixer input voltage
Tx/Rx = Hi
1.7
V
VTX IFB
Tx Mixer input voltage
Tx/Rx = Hi
1.7
V
I
S
Input bias current
Logic 1
6
µA
IBIAS
Input bias current
Logic 0
0
µA


Similar Part No. - SA2421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2420 PHILIPS-SA2420 Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
SA2420DH PHILIPS-SA2420DH Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
More results

Similar Description - SA2421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2500HP-RC232 ETC2-RC2500HP-RC232 Datasheet
603Kb / 22P
   2.45 GHz High Power Multi-Channel RF Transceiver Module
logo
Johanson Technology Inc...
2450LP07A0100 JOHANSON-2450LP07A0100 Datasheet
125Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100 JOHANSON-2450LP14C100 Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050E JOHANSON-2450LP15B050E Datasheet
170Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050 JOHANSON-2450LP15B050 Datasheet
127Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100T JOHANSON-2450LP14C100T Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
Texas Instruments
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com