Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA2421 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA2421 Datasheet HTML 1Page - NXP Semiconductors SA2421 Datasheet HTML 2Page - NXP Semiconductors SA2421 Datasheet HTML 3Page - NXP Semiconductors SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2
2000 Mar 13
853-2189 23308
DESCRIPTION
The SA2421 transceiver is a combined low–noise amplifier, receive
mixer, transmit mixer and LO buffer IC designed using a 20 GHz fT
BiCMOS process, QUBiC2, for high–performance low–power
communication systems for 2.4–2.5 GHz applications. The LNA has
a 3.2 dB noise figure at 2.45 GHz with 14.3 dB gain and an IP3
intercept of –3 dBm at the input. The wide–dynamic–range receive
mixer has a 11.2 dB noise figure and an input IP3 of +2.5 dBm at
2.45 GHz. The nominal current drawn from a single 3 V supply is
34 mA in transmit mode and 20 mA in receive mode. The SA2421
differs from the SA2420 by removal of the LO doubler and LO
switch. The LNA reverse isolation is improved, and a separate pin is
allocated for the transmit output.
FEATURES
Low current consumption: 34 mA nominal transmit mode and
20 mA nominal receive mode
High system power gain: 24 dB (LNA + Mixer) at 2.45 GHz
Excellent gain stability versus temperature and supply voltage
Separate Rx IN and Tx OUT pins
Wide IF range: 50–500 MHz
–10dBm typical LO input power
Improved LNA reverse isolation S12
TSSOP24 package
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
DH Package
ATTEN SW
Tx OUT
GND
Rx IN
GND
GND
GND
LNA OUT
VCC
GND
GND
Rx IF OUT
GND
LOP
LNA IN
GND
GND
Rx IF OUT
Tx IF IN
Tx IF IN
Tx/Rx
LOM
VCC LO
CHIP EN
SR01756
Figure 1.
Pin configuration
APPLICATIONS
IEEE 802.11 (WLAN)
2.45 GHz ISM band
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
24-Pin Plastic Thin Shrink Small Outline Package (Surface-mount, TSSOP)
–40
°C to +85°C
SA2421DH
SOT355-1
BLOCK DIAGRAM
4
3
2
15
24
23
22
21
20
7
610
9
8
19
18
17
16
15
Tx/Rx
GND
LOP
GND
VCC
Rx IN
GND
ATTEN
SW
CHIP
EN
GND
GND
LNA
OUT
GND
LNA
GND
GND
12
11
14
13
LOM
LO
Tx OUT
GND
VCC
LNA
IN
Rx IF
OUT
Rx IF
OUT
Tx IF
IN
Tx IF
IN
RX
RX
TX
LO
BUFFER
BPF
PRE-DRIVER
ATTENUATOR
SR01757
X1
Figure 2.
SA2421 block diagram


Similar Part No. - SA2421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2420 PHILIPS-SA2420 Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
SA2420DH PHILIPS-SA2420DH Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
More results

Similar Description - SA2421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2500HP-RC232 ETC2-RC2500HP-RC232 Datasheet
603Kb / 22P
   2.45 GHz High Power Multi-Channel RF Transceiver Module
logo
Johanson Technology Inc...
2450LP07A0100 JOHANSON-2450LP07A0100 Datasheet
125Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100 JOHANSON-2450LP14C100 Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050E JOHANSON-2450LP15B050E Datasheet
170Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050 JOHANSON-2450LP15B050 Datasheet
127Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100T JOHANSON-2450LP14C100T Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
Texas Instruments
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com