Electronic Components Datasheet Search |
|
SZ5U1R5J100B2 Datasheet(PDF) 2 Page - Sharma Electro Components,Inc |
|
SZ5U1R5J100B2 Datasheet(HTML) 2 Page - Sharma Electro Components,Inc |
2 / 12 page (EXAMPLE) S N P O 4 7 1 J 0 5 0 T 2 Series Series Code: SNPO, SX7R, SZ5U, SY5V. Note: SNPO indicates COG(NPO) dielectric Capacitance 3 Digit Capacitance Code (per EIA Standard): First Two Digits Represent Significant Figures of Capacitance in pF. Third Digit Indicates Number of Zeros For Values Below 10 pF, R replaces second digit to indicate a decimal point. Example: 471 = 470 pF. , 1R5 = 1.5 pF. Tolerance Capacitance Tolerance Code: Capacitance Tolerance ± .25 pF ± .5 pF ± 1% ± 2% ± 5% ±10% ±20% -20 + 80% Code C D F G J K M Z Rated Voltage Packing Code Code Style T Tape & Reel B Bulk Case Code Example below indicates : SNPO series, 470 pF, 5%, 50 Volt, Tape/Reel packed, 0805 case size. 2.0 4.0 P B A φ 1.5 - 0.0 + 0.10 ± 0.1 ± 0.1 E F W Tmax A B C D E W t ø178 ±2.0 ø50 min. 13.0 ±0.5 21.0 ±0.8 2.0 ±0.8 8.8/12.8 ±1.5 2.0 ±0.5 ø330 ±2.0 ø100 min. 13.0 ±0.5 21.0 ±0.8 2.0 ±0.8 8.8/12.8 ±1.5 2.0 ±0.6 Tape/Reel & Packaging Specifications Re el Dimensions Taping Dimensions A B C D E W t ø7 ±0.08 ø2.0 min. 5.0 ±0.02 0.83 ±0.03 0.08 ±0.3 0.35/0.50 ±0.06 0.08 ±0.02 ø13 ±0.08 ø4.0 min. 5.0 ±0.3 0.83 ±0.03 0.08 ±0.3 0.35/0.50 ±0.06 0.08 ±0.02 Reel Dimensions in Millimeters Reel Dimensions in Inches MULTILAYER CERAMIC CHIP CAPACITORS Tolerance on Dimensions '' L'' and ''W'': ± 0. 35mm(0.014'')max. 3 Digit Voltage Code Rated Voltage(V) 6.3 10 16 25 50 100 200 250 500 1000 2000 3000 4000 Code 006 010 016 025 050 100 200 250 500 1KV 2KV 3KV 4KV Case Code 0 1 2 3 4 56789 10 Case Size 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 A B W F E P Tmax SIZE ±0.1 mm or ±0.1 mm or ±0.3 mm or ±0.1 mm or ±0.1 mm or ±0.1 mm or CODE ±0.004" ±0.004" ±0.012" ±0.004" ±0.004" ±0.004" 0402 0.7 (0.028) 1.3 (0.051) 8.0 (0.315) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 0603 1.1 (0.043) 1.9 (0.075) 8.0 (0.315) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 0805 1.7 (0.067) 2.4 (0.094) 8.0 (0.315) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 1206 2 (0.079) 3.6 (0.142) 8.0 (0.315) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 1210 2.8 (0.110) 3.7 (0.147) 8.0 (0.315) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 1808 2.4 (0.094) 4.9 (0.193) 12.0 (0.472) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 1812 3.6 (0.142) 4.9 (0.193) 12.0 (0.472) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 2220 5.2 (0.205) 6.0 (0.236) 12.0 (0.472) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) 2225 6.6 (0.260) 6.0 (0.236) 12.0 (0.472) 3.5 (0.138) 1.75 (0.069) 4.0 (0.157) 1.7 (0.067) Case Code L W T max. e 0402 1.00(0.040) 0.50(0.020) 0.55(0.022) 0.20(0.008) 0603 1.60(0.063) 0.80(0.032) 0.90(0.035) 0.30(0.012) 0805 2.03(0.080) 1.27(0.050) 1.27(0.050) 0.50(0.020) 1206 3.20(0.125) 1.60(0.063) 1.35(0.053) 0.50(0.020) 1210 3.20(0.125) 2.50(0.098) 1.60(0.063) 0.50(0.020) 1808 4.50(0.177) 2.03(0.800) 1.80(0.071) 0.50(0.020) 1812 4.50(0.177) 3.20(0.125) 2.20(0.087) 0.60(0.027) 2220 5.70(0.224) 5.00(0.197) 2.80(0.110) 0.65(0.026) 2225 5.70(0.224) 6.30(0.248) 2.80(0.110) 0.65(0.026) 3012 7.60(0.299) 3.20(0.125) 5.70(0.224) 0.70(0.028) 3035 7.60(0.299) 8.90(0.350) 6.30(0.248) 0.70(0.028) Case Code 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 and factory approval. Bulk STANDARD PACKAGING QUANTITIES Special package quantity available upon request 1000 pcs/reel 1000 pcs/reel 500 pcs/reel 500 pcs/reel 1000 pcs 1000 pcs 1000 pcs 10000 pcs/reel 4000 pcs/reel 4000 pcs/reel 4000 pcs/reel 4000 pcs/reel 1000 pcs/reel 1000 pcs/reel 5000 pcs. 1000 pcs 1000 pcs 1000 pcs 10000 pcs. 5000 pcs. 5000 pcs. 5000 pcs. Dimensions mm(inches) CASE DIMENSIONS AND TOLERANCES "L " & "W" tolerances: ±0.35mm(0.014)max. Tape & Reel Sharma Ceramic Capacitors Page 2 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |
Similar Part No. - SZ5U1R5J100B2 |
|
Similar Description - SZ5U1R5J100B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |