Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1K Datasheet(PDF) 9 Page - NXP Semiconductors

Part # S1K
Description  SMA controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S1K Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button S1K Datasheet HTML 4Page - NXP Semiconductors S1K Datasheet HTML 5Page - NXP Semiconductors S1K Datasheet HTML 6Page - NXP Semiconductors S1K Datasheet HTML 7Page - NXP Semiconductors S1K Datasheet HTML 8Page - NXP Semiconductors S1K Datasheet HTML 9Page - NXP Semiconductors S1K Datasheet HTML 10Page - NXP Semiconductors S1K Datasheet HTML 11Page - NXP Semiconductors S1K Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2000 Feb 14
9
Philips Semiconductors
Product specification
SMA controlled avalanche rectifiers
S1 series
NOTES


Similar Part No. - S1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1K PANJIT-S1K Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1K DIOTEC-S1K Datasheet
157Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Pan Jit International I...
S1K PANJIT-S1K Datasheet
116Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
S1K DIOTEC-S1K Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
logo
AiT Semiconductor Inc.
S1K AITSEMI-S1K Datasheet
468Kb / 5P
   RECTIFIER DIODE 50 ~1000V REVERSE VOLTAGE 1A CURRENT
REV1.0
More results

Similar Description - S1K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RS1 PHILIPS-RS1 Datasheet
60Kb / 12P
   SMA fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
ES1 PHILIPS-ES1 Datasheet
59Kb / 12P
   SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
US1 PHILIPS-US1 Datasheet
66Kb / 12P
   SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Shenzhen Taychipst Elec...
BYG26D TAYCHIPST-BYG26D Datasheet
3Mb / 2P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYG26 PHILIPS-BYG26 Datasheet
60Kb / 12P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com