Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0365RN Datasheet(PDF) 16 Page - Fairchild Semiconductor

Part # FSQ0365RN
Description  Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0365RN Datasheet(HTML) 16 Page - Fairchild Semiconductor

Back Button FSQ0365RN Datasheet HTML 12Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 13Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 14Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 15Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 16Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 17Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 18Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 19Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 20Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321, FSQ311 Rev. 1.0.4
16
Typical Application Circuit of FSQ0365RN
Features
High efficiency ( >77% at universal input)
Low standby mode power consumption (<1W at 230VAC input and 0.5W load)
Reduce EMI noise through Valley Switching operation
Enhanced system reliability through various protection functions
Internal soft-start (15ms)
Key Design Notes
The delay time for overload protection is designed to be about 30ms with C107 of 47nF. If faster/slower triggering of
OLP is required, C107 can be changed to a smaller/larger value (eg. 100nF for 60ms).
The input voltage of Vsync must be higher than -0.3V. By proper voltage sharing by R106 & R107 resistors, the input
voltage can be adjusted.
The SMD-type 100nF capacitor must be placed as close as possible to VCC pin to avoid malfunction by abrupt pul-
sating noises and to improved surge immunity.
1. Schematic
Figure 29. Demo Circuit of FSQ0365RN
Application
FPS Device
Input Voltage
Range
Rated Output Power
Output Voltage
(Max. Current)
DVD Player
Power Supply
FSQ0365RN
85-265VAC
19W
5.1V (1.0A)
3.4V (1.0A)
12V (0.4A)
16V (0.3A)
3
4
C102
100nF,275V
AC
LF101
40mH
C101
100nF
275V
AC
F101
FUSE
C103
33
μF
400V
R102
56kΩ
C104
10nF
630V
D101
1N 4007
IC101
FSQ0365RN
C105
47nF
50V
C107
22
μF
50V
D102
1N 4004
R103
5Ω
1
2
3
4
5
8
9
6
12
10
11
T101
EER2828
D201
UF4003
C201
470
μF
35V
C202
470
μF
35V
L201
L203
L204
D202
UF4003
C203
470
μF
35V
C204
470
μF
35V
C206
1000
μF
10V
C205
1000
μF
10V
D203
SB360
D204
SB360
C207
1000
μF
10V
C208
1000
μF
10V
R201
510Ω
R202
1kΩ
R203
6.2kΩ
R204
20kΩ
C209
100nF
R205
6kΩ
IC202
FOD817A
BD101
Bridge
Diode
L202
V
str
Sync
FB
V
cc
Drain
GND
6
1
2
3
4
5
1
2
Drain
Drain
7
8
IC201
KA431
16V, 0.3A
12V, 0.4A
5.1V, 1A
3.4V, 1A
R104
12kΩ
TNR
10D471K
R105
100kΩ
C302
3.3nF
AC IN
C106
100nF
SMD
C110
33pF
50V
ZD101
1N4746A
RT101
5D-9
R108
62Ω
C209
47pF
C210
47pF
FSQ0365RN Rev:00


Similar Part No. - FSQ0365RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSQ0365RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0365_0709 FAIRCHILD-FSQ0365_0709 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com