Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72BBFA-7 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72BBFA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BBFA-7 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH32S72BBFA-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72BBFA-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA -7,-8
MITSUBISHI LSIs
16/Jun. /1999
MIT-DS-331-0.0
DESCRIPTION
APPLICATION
Main memoryunit for computers, Microcomputer memory.
FEATURES
Type name
100MHz
6ns
6ns
MH32S72BBFA-8
MH32S72BBFA-7
Utilizes industrystandard 16M X 4 Synchronous DRAMs in
TSOP package , industry standard Resister in TSSOP package ,
and industry standard PLL in TSSOP package.
Single 3.3V +/- 0.3V supply
Burst length 1/2/4/8/Full Page (programmable)
Burst type sequential / interleave (programmable)
Column access random
Burst W rite / Single W rite (programmable)
Auto precharge / Auto bank precharge controlled by A10
Auto refresh and Self refresh
LVTTL Interface
4096 refresh cycles every 64ms
Intel specifiation(rev. 1.2)compliant PCB and SPD 1.2A
Max.
Frequency
CLK
Access Time
[latch mode]
(CL = 4)
100MHz
1
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
The MH32S72BBFA is 33554432 - word x 72-bit
Sy nchronous DRAM stacked structural module. This
consist of thirty -six industry standard 16M x 4
Sy nchronous DRAMs in TSOP.
The stacked structure of TSOP on a card edge dual in-
line package prov ides any application where high
densities and large of quantities memory are required.
This is a socket-ty pe memory module ,suitable f or
easy interchange or addition of module.


Similar Part No. - MH32S72BBFA-7

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72BBFA-7

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
   2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz