Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0365 Datasheet(PDF) 21 Page - Fairchild Semiconductor

Part # FSQ0365
Description  Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0365 Datasheet(HTML) 21 Page - Fairchild Semiconductor

Back Button FSQ0365 Datasheet HTML 16Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 17Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 18Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 19Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 20Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 21Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 22Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 23Page - Fairchild Semiconductor FSQ0365 Datasheet HTML 24Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321, FSQ311 Rev. 1.0.4
21
6. Demo Board Part List
Part
Value
Note
Part
Value
Note
Resistor
Inductor
R2
100k
Ω
1/4W
L2
660µH
ZR1
1.2k
Ω
1/4W
L1
4.7µH
R4
5
Ω
1/2W
L3
4.7µH
R5
12k
Ω
1/4W
L5
4.7µH
R7
6.2k
Ω
1/4W
L6
4.7µH
R11
6.2k
Ω
1/4W
Diode
RS5
150k
Ω
2W
D2,3,4,5
IN4007
RS6
200
Ω
1W
D8
IN4004
R6
510
Ω
1/4W
D10
1N4148
R8
1k
Ω
1/4W
ZD1
1N4746A
R12
8k
Ω
1/4W
DS1
1N4007
R10
6.2k
Ω
1/4W, 1%
D1
UF4003
R13
6k
Ω
1/4W, 1%
D4
UF4003
Capacitor
D7
SB360
C6
10µF/400V
Electrolytic
D9
SB360
C7
10µF/400V
Electrolytic
IC
C17
47nF/50V
Ceramic
U1
FSQ311
FPS™
C104
100nF/50V
SMD(1206)
U2
KA431 (TL431)
Voltage reference
C14
22µF/50V
Electrolytic
U3
FOD817A
Opto-coupler
C18
33pF/50V
Ceramic
Fuse
CS5
6.8nF/680V
Film
Fuse
2A/250V
C2
100µF/35V
Electrolytic
NTC
C3
100µF/35V
Electrolytic
RT1
5D-9
C4
100µF/35V
Electrolytic
Transformer
C5
100µF/35V
Electrolytic
T1
EE1927
Bridge Diode
C11
680µF/10V
Electrolytic
Ferrite bead
C12
680µF/10V
Electrolytic
FB1
C15
680µF/10V
Electrolytic
C16
680µF/10V
Electrolytic
C19
68nµF/50V
Ceramic
C1
4.7nF/375VAC
Ceramic


Similar Part No. - FSQ0365

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0365 FAIRCHILD-FSQ0365 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365RL FAIRCHILD-FSQ0365RL Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365RL FAIRCHILD-FSQ0365RL Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
More results

Similar Description - FSQ0365

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0365_0709 FAIRCHILD-FSQ0365_0709 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com