Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1920 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA1920
Description  Dual-band RF front-end
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1920 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA1920 Datasheet HTML 3Page - NXP Semiconductors SA1920 Datasheet HTML 4Page - NXP Semiconductors SA1920 Datasheet HTML 5Page - NXP Semiconductors SA1920 Datasheet HTML 6Page - NXP Semiconductors SA1920 Datasheet HTML 7Page - NXP Semiconductors SA1920 Datasheet HTML 8Page - NXP Semiconductors SA1920 Datasheet HTML 9Page - NXP Semiconductors SA1920 Datasheet HTML 10Page - NXP Semiconductors SA1920 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Philips Semiconductors
Product specification
SA1920
Dual-band RF front-end
1999 Mar 02
7
ABSOLUTE MAXIMUM RATINGS
QUANTITY
SYMBOL
VALUE
UNIT
Input supply voltage at pins: 7, 25, 27, 40
VCC
4.75
V
Power dissipation
PD
150
mW
Input power at all ports
PIN
+20
dBm
Operating temperature range (pin temp)
TO
–40 to+85
°C
Storage temperature range
Tsrg
–65 to +125
°C
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all Input/Output ports are single-ended.
DC PARAMETERS
VCC = +3.75 V, TA = –40 to +85°C unless otherwise noted
QUANTITY
CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
DC Supply voltage
VCC
3.6
3.75
3.9
V
Current Consumption: Sleep Mode
X000XX
ICC
1
100
mA
Low Band Receive Normal
011000
ICC
10.1
12.5
15.2
mA
Low Band Receive Strong
011010
ICC
8.8
mA
Low Band Transmit (Analog)
011110
ICC
18.0
mA
Low Band Transmit (GSM)
010100
ICC
16.0
mA
High Band Receive Normal
111000
ICC
35.0
42.0
53.0
mA
High Band Receive Strong
111010
ICC
38.0
mA
High Band Transmit (GSM)
110100
ICC
21.5
mA
Frequency Doubler
8.8
mA
Logic Low Input
0
0.5
V
Logic High Input
1.9
4.0
V


Similar Part No. - SA1920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1921 PHILIPS-SA1921 Datasheet
507Kb / 36P
   Satellite and cellular dual-band RF front-end
1999 Mar 02
More results

Similar Description - SA1920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA3600 PHILIPS-SA3600 Datasheet
172Kb / 30P
   Low voltage dual-band RF front-end
1999 Nov 02
SA3601 PHILIPS-SA3601 Datasheet
90Kb / 14P
   Low voltage dual-band RF front-end
1999 Nov 09
SA1921 PHILIPS-SA1921 Datasheet
507Kb / 36P
   Satellite and cellular dual-band RF front-end
1999 Mar 02
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
   3.7V, DUAL-BAND FRONT-END MODULE
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
STMicroelectronics
STA011 STMICROELECTRONICS-STA011 Datasheet
434Kb / 38P
   L-band RF front-end for digital radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com