Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1638 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA1638
Description  Low voltage IF I/Q transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1638 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA1638 Datasheet HTML 1Page - NXP Semiconductors SA1638 Datasheet HTML 2Page - NXP Semiconductors SA1638 Datasheet HTML 3Page - NXP Semiconductors SA1638 Datasheet HTML 4Page - NXP Semiconductors SA1638 Datasheet HTML 5Page - NXP Semiconductors SA1638 Datasheet HTML 6Page - NXP Semiconductors SA1638 Datasheet HTML 7Page - NXP Semiconductors SA1638 Datasheet HTML 8Page - NXP Semiconductors SA1638 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Philips
Semiconductors
SA1638
Low voltage IF I/Q transceiver
Product specification
1997 Sept 03
INTEGRATED CIRCUITS
IC17 Data Handbook


Similar Part No. - SA1638

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1630 PHILIPS-SA1630 Datasheet
147Kb / 22P
   IF quadrature transceiver
1998 Jul 21
SA1630BE PHILIPS-SA1630BE Datasheet
147Kb / 22P
   IF quadrature transceiver
1998 Jul 21
More results

Similar Description - SA1638

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
   Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
logo
Semtech Corporation
SX1257 SEMTECH-SX1257 Datasheet
1Mb / 38P
   Low Power Digital I and Q RF Multi-PHY Mode Transceiver
SX1255 SEMTECH-SX1255 Datasheet
1Mb / 43P
   Low Power Digital I and Q RF Multi-PHY Mode Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2820 ATMEL-ATR2820_08 Datasheet
157Kb / 4P
   Low IF WDCT 5.8 GHz Transceiver
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
MAX2510 MAXIM-MAX2510 Datasheet
126Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
19-1296; Rev 1; 1/98
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
ATMEL Corporation
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
   Low IF WDCT 5.8 GHz Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com