Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB122T Datasheet(PDF) 1 Page - Dc Components

Part # LB122T
Description  TECHNICAL SPECIFICATIONS OF NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

LB122T Datasheet(HTML) 1 Page - Dc Components

  LB122T Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LB122T
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
Pinning
1 = Emitter
2 = Collector
3 = Base
Description
Designed for use in medium power switching
applications.
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
600
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
800
mA
Collector Current (pulse)
IC
1600
mA
Base Current (DC)
IB
100
mA
Base Current (pulse)
IB
200
mA
Total Power Dissipation(TC=25oC)
PD
20
W
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
600
-
-
V
IC=100
µA
Collector-Emitter Breakdown Voltage
BVCEO
400
-
-
V
IC=10mA
Emitter-Base Breakdown Voltage
BVEBO
6
-
-
V
IE=10
µA
Collector Cutoff Current
ICBO
-
-
10
µA
VCB=600V
ICEO
-
-
10
µA
VCE=400V
Emitter Cutoff Current
IEBO
-
-
10
µA
VEB=6V
Collector-Emitter Saturation Voltage(1)
VCE(sat)1
-
-
0.4
V
IC=100mA, IB=20mA
VCE(sat)2
-
-
0.8
V
IC=300mA, IB=60mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
-
1
V
IC=100mA, IB=20mA
DC Current Gain(1)
hFE1
10
-
40
-
IC=0.1A, VCE=10V
hFE2
10
-
-
-
IC=0.5A, VCE=10V
Turn-Off Time
Toff
-
-
0.6
µS
IC=0.3A, VCC=100V, IB1=-IB2=0.06A
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
Rank
B1
B2
B3
B4
B5
B6
Range
10~17
13~22
18~27
23~32
28~37
33~40
Classification of hFE1
TO-126
Dimensions in inches and (millimeters)
.055(1.39)
.045(1.14)
.032(0.81)
.028(0.71)
.052(1.32)
.048(1.22)
.620(15.75)
.600(15.25)
.279(7.09)
.275(6.99)
.041(1.05)
.037(0.95)
.022
(0.55)
.154(3.91)
.150(3.81)
Typ
3oTyp
3oTyp
.105(2.66)
.095(2.41)
.189(4.80)
.171(4.34)
.304(7.72)
.285(7.52)
3oTyp
3oTyp
.152(3.86)
.138(3.50)
1
2
3


Similar Part No. - LB122T

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
LB1201AB POINN-LB1201AB Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
logo
Power Innovations Ltd
LB1201AS POINN-LB1201AS Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
LB1201AS ETC1-LB1201AS Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
   High-Voltage, High- Current Darlington Driver
More results

Similar Description - LB122T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB120A ETC-LB120A Datasheet
212Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
logo
Dc Components
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com