Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX7R1R5F025B2 Datasheet(PDF) 7 Page - Sharma Electro Components,Inc

Part # SX7R1R5F025B2
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SX7R1R5F025B2 Datasheet(HTML) 7 Page - Sharma Electro Components,Inc

Back Button SX7R1R5F025B2 Datasheet HTML 3Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 4Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 5Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 6Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 7Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 8Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 9Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 10Page - Sharma Electro Components,Inc SX7R1R5F025B2 Datasheet HTML 11Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SZ5U Series
APPLICATION:
FEATURES:
GENERAL SPECIFICATIONS:
The SZ5U series has a high K temperature
• High capacitance values
Operating temperature: +10 to +85 °C
compensating type of capacitance dielectric. The
Temperature coefficient: -56% to +22% value
electrical properties of this dielectric changes
• Miniature size
change over operating temperature
considerably under changing temperature, voltage
Capacitance tolerance: ±20% standard,
and time conditions. High capacitance values
• Low and high voltage options
-20%/ +80% optional
are available for general purpose applications.
Capacitance range: 1000pF to 10uF
Well suited for filtering, transient suppression
• Available in bulk and tape & reel
Voltage range: 10V to 1KV DC
blocking, and charge storage requirements.
packaging
Dielectric withstanding voltage: 2 times
the working VDC for 5 seconds
• Low cost for high capacitance
Case code range: 0603 to 3035
• Consistent dimensions and surface finish
Note: See Reliability and Test Conditions
page for more specifications
• Nickel barrier terminations
Z5U DIELECTRIC CAPACITANCE RANGE Tolerance: (M) Standard Optional: (Z)
Voltage(DC)
0402
0603
0805
1206
1210
1808
1812
2220
2225
3012
3035
6.3V
10V
.18-.22uF
.18-.47uF
16V
.18-.22uF
.18-.47uF
.18-2.2uF
.01-4.7uF
25V
.01-.22uF
.01-1uF
.01-2.2uF
.01-4.7uF
.15-3.3uF
.68-4.7uF
1-10uF
50V
.01-.1uF
.01-.68uF
.01-1uF
.01-2.2uF
.15-2.2uF
.68-3.3uF
1-6.8uF
100V
.01-.22uF
.01-.47uF
.01-1uF
.1-2.2uF
200V
.01-.1uF
.01-.22uF
250V
500V
.01-.047uF
.01-.1uF
1KV
1000-4700pF
1000pF-.01uF
2KV
3KV
4KV
Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval.
Voltage/Case Code Options
FIGURE
4.1
FIGURE
4..2
FIGURE
4.3
FIGURE
4..4
Z5U Characteristic Graphs
Sharma Ceramic Capacitors
Page 7
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
The temperature coefficient
characteristics of Z5U is
illustrated in Figure 4.1.
Figure 4.2 illustrates the
variation pattern of
Dissipation Factor with
respect to temperature. The
DC Voltage coefficient and
aging pattern are illustrated
in Figure 4.3 and 4.4
respectively.


Similar Part No. - SX7R1R5F025B2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SX7R1R5F050B0 SHARMA-SX7R1R5F050B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R1R5F050B1 SHARMA-SX7R1R5F050B1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R1R5F050B2 SHARMA-SX7R1R5F050B2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R1R5F050T0 SHARMA-SX7R1R5F050T0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R1R5F050T1 SHARMA-SX7R1R5F050T1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SX7R1R5F025B2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com