Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBK25A Datasheet(PDF) 2 Page - Dc Components

Part No. GBK25A
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DCCOM [Dc Components]
Homepage  http://www.dccomponents.com
Logo 

GBK25A Datasheet(HTML) 2 Page - Dc Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
Single Phase Half Wave
60Hz Inductive or
Resistive Load
CASE TEMPERATURE, (oC)
0
50
100
150
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
25
20
15
10
5
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
0
350
300
200
100
50
8.3ms Single Half Sine-Wave
(JEDEC Mathod)
400
INSTANTANEOUS FORWARD VOLTAGE, (V)
.4
.6
.8
1.0
1.2
1.8
Pulse Width=300ms
1% Duty Cycle
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
10
1
.1
1.6
1.4
TJ=25oC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1.0
.1
.01
TJ=25oC
TJ=100oC
RATING AND CHARACTERISTIC CURVES (GBK25A THRU GBK25M)
DC COMPONENTS CO., LTD.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn