Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C1141471K1X5C2 Datasheet(PDF) 3 Page - Kemet Corporation

Part No. C1141471K1X5C2
Description  CERAMIC MOLDED AXIAL & RADIAL
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C1141471K1X5C2 Datasheet(HTML) 3 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CERAMIC MOLDED/MIL-C-11015 & MIL-PRF-39014 (CKR)
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
34
C114T (CKR11)
K
102
052
C
5
K
A
X
2
C
CERAMIC
*CASE SIZE
(See Table Below)
SPECIFICATION
Military
T — MIL-PRF-39014
K — MIL-C-11015
CAPACITANCE
In picofarad code: First two digits are significant
figures and third is number of zeroes following
(except 9 indicates division by 10). Examples:
0.1
F = 100,000 pF = 104 and 9.1 pF = 919.
See tables for Standard Values.
FAILURE RATE
INTERNAL CONSTRUCTION
CAPACITANCE TOLERANCE
Standard
M —
±20%
K —
±10%
A — Not Applicable (Std.)
M — 1.0%
P — 0.1%
R — 0.01%
S — 0.001%
LEAD MATERIAL
C — Standard
5 — Standard
WORKING
VOLTAGE
1 — 100
2 — 200
5 —
50
Standard tolerances for each Series are
shown in the repetitive parts lists.
*CASE SIZES
RADIAL
AXIAL
C052
C114
C056
C124
C062
C192
C066
C202
C222
TEMPERATURE CHARACTERISTIC
Capacitance Change With Temp.
Measured
Measured
Without
With Bias
KEMET
Military
EIA
Temp.
DC Bias
(Rated
Designator Equivalent
Equivalent
Range,
°C
Voltage
Voltage)
X
BX
X7R
-55 to
±15%
+15%
(Stable)
+125
-25%
R
BR
X7R
-55 to
±15%
+15%
(Stable)
+125
-40%
**
**Part Number Example: C052K102K2X5CA (14 digits – no spaces)
ORDERING INFORMATION
MARKING INFORMATION
C114T (CKR11) THROUGH C222T (CKR16) PER MIL-PRF-39014
JK
103
KP5
37A
J for JAN
K for KEMET
Capacitance
Capacitance Tolerance, FR Level
& Date Code (Yr.)
Date and Lot Code
C124T (CKR12)
CKR12
2657J
0537A
31433
Style
Dash No., J for JAN
Date & Lot Code
Source Code
(Federal Supply Code
for Manufacturers,
FSCM)
C192T (CKR14) C202T (CKR15) C222T (CKR16)
M39014
5-2125
KEMET
0537A
J50V
105K
Complete Part Number
Manufacturer’s Name
Date & Lot Code
JAN & Voltage
Capacitance, pF Code, Capacitance
Tolerance
C052/56T (CKR05) PER MIL-PRF-39014/01
JK
0537
A
JAN-KEMET
Date Code
Lot Code
BACK
M390
14/01
1579*
Specification
Sheet No.
Four Digit Part No.
*Add “V” as the last
digit for stand-off leads.
FRONT
C062/66T (CKR06) PER MIL-PRF-39014/02
0537A
J200V
103K
Date & Lot Code
JAN & Voltage
Capacitance, pF Code, Capacitance Tolerance
BACK
M39014
2-1338
*KEMET
Complete MIL Part No.
Manufacturer’s Name
FRONT
*Add “V” as the last digit
for stand-off leads.
C114K (CK12) THROUGH C222K (CK16) PER MIL-C-11015
C114K (CK12) C124K (CK13)
KCK
12BX
102K
0537
KEMET, CK
Style (12 or 13), Temp. Char. (BX or BR)
Capacitance, pF Code, Capacitance Tolerance
Date Code
C192K (CK14) C202K (CK15) C222K (CK16)
K100V
CK14BX
123K
0537
KEMET, Voltage
Style (14, 15 or 16), Temp. Char. (BX or BR)
Capacitance, pF Code, Capacitance Tolerance
Date Code
C052K (CK05) PER MIL-C-11015/18 & C062K (CK06) PER MIL-C-11015/19
200V
K
0501
Voltage
KEMET
Date Code
BACK
CK05
BX
102K
Style
Temperature Characteristic
Capacitance, pF Code, Capacitance Tolerance
FRONT


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn