Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C1141471K1X5C2 Datasheet(PDF) 8 Page - Kemet Corporation

Part No. C1141471K1X5C2
Description  CERAMIC MOLDED AXIAL & RADIAL
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C1141471K1X5C2 Datasheet(HTML) 8 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
39
CERAMIC LEADED
PACKAGING INFORMATION
KEMET
®
KEMET
®
Adhesive Tape
Adhesive Tape
Kraft Paper
Interleaving
Figure 1
Figure 2
31/4"
(82.6)
.655"
±0.010"
(16.6
±0.25)
10.5" - 14"
(26.67 -
35.56cm)
.059" to .315"
Greater Than
Component
Length
*
Hub
1/8"
(3.18)
Figure 3
See Table 1
(B)
.250" Nom.
(6.35)
*
.047" Max
(1.20)
See Table 1 (A)
Ceramic Axial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Molded and Conformally
Coated Axial Leaded Ceramic Capacitors for automatic insertion
or lead forming machines per EIA specification RS-296. KEMET’S
internal specification four-digit suffix, 7200, is placed at the end of
the part number to designate tape and reel packaging, ie:
C410C104Z5U5CA7200.
Paper (50 lb.) test minimum is inserted between the layers of
capacitors wound on reels for component pitch
≤ 0.400".
Capacitor lead length may extend only a maximum of .0625"
(1.59mm) beyond the tapes' edges. Capacitors are centered in a
row between the two tapes and will deviate only
± 0.031
(0.79mm) from the row center. A minimum of 36" (91.5 cm) leader
tape is provided at each end of the reel capacitors. Universal
splicing clips are used to connect the tape. Standard reel
quantities are shown on page 41.
Dimensions in Inches & (Millimeters)
* Not Available for Conformally Coated Parts.
Component
Body Diameter
Component
Pitch "A"
Inside Tape Spacing "B"
± 1.5mm (0.059")
0.020" or (
±0.5mm)
I
III*
0" (0mm) to 0.197" (5mm)
0.197" (5.01mm) to 0.394: (10mm)
0.197" or (5mm)
0.394" or (10mm)
2.062" (52.4mm)
2.874" (73mm)
Table 1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn