Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX1214B130Y Datasheet(PDF) 5 Page - NXP Semiconductors

Part # RX1214B130Y
Description  NPN microwave power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RX1214B130Y Datasheet(HTML) 5 Page - NXP Semiconductors

  RX1214B130Y Datasheet HTML 1Page - NXP Semiconductors RX1214B130Y Datasheet HTML 2Page - NXP Semiconductors RX1214B130Y Datasheet HTML 3Page - NXP Semiconductors RX1214B130Y Datasheet HTML 4Page - NXP Semiconductors RX1214B130Y Datasheet HTML 5Page - NXP Semiconductors RX1214B130Y Datasheet HTML 6Page - NXP Semiconductors RX1214B130Y Datasheet HTML 7Page - NXP Semiconductors RX1214B130Y Datasheet HTML 8Page - NXP Semiconductors RX1214B130Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Feb 14
5
Philips Semiconductors
Product specification
NPN microwave power transistors
RX1214B80W; RX1214B130Y
Fig.3 Broadband test circuit.
Substrate: Epsilam 10.
Thickness: 0.635 mm.
Permittivity:
εr = 10.
handbook, full pagewidth
MBC725
40 mm
30 mm
30 mm
40 mm
handbook, full pagewidth
MBC726
10.3
C4
C2
output
input
C3
L1
C1


Similar Part No. - RX1214B130Y

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
RX1214B150W AMMSEMI-RX1214B150W Datasheet
463Kb / 1P
   Microwave Power Transistor
logo
NXP Semiconductors
RX1214B170W PHILIPS-RX1214B170W Datasheet
74Kb / 12P
   Microwave power transistor
1997 Feb 18
More results

Similar Description - RX1214B130Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
LBE2003S PHILIPS-LBE2003S Datasheet
126Kb / 16P
   NPN microwave power transistors
1997 Mar 03
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com