Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1J Datasheet(PDF) 6 Page - NXP Semiconductors

Part # RS1J
Description  SMA fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RS1J Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button RS1J Datasheet HTML 2Page - NXP Semiconductors RS1J Datasheet HTML 3Page - NXP Semiconductors RS1J Datasheet HTML 4Page - NXP Semiconductors RS1J Datasheet HTML 5Page - NXP Semiconductors RS1J Datasheet HTML 6Page - NXP Semiconductors RS1J Datasheet HTML 7Page - NXP Semiconductors RS1J Datasheet HTML 8Page - NXP Semiconductors RS1J Datasheet HTML 9Page - NXP Semiconductors RS1J Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000 Feb 14
6
Philips Semiconductors
Product specification
SMA fast soft-recovery
controlled avalanche rectifiers
RS1 series
handbook, full pagewidth
10
1
50
25 V
DUT
MAM057
+
t rr
0.5
0
0.5
1.0
IF
(A)
IR
(A)
t
0.25
Fig.9 Test circuit and reverse recovery time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.


Similar Part No. - RS1J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
RS1J TAYCHIPST-RS1J Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
RS1J PANJIT-RS1J Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
RS1J YIXIN-RS1J Datasheet
171Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RS1J WINNERJOIN-RS1J Datasheet
158Kb / 1P
   SURFACE MOUNTED FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
RS1J TSC-RS1J Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS1J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG26 PHILIPS-BYG26 Datasheet
60Kb / 12P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
Shenzhen Taychipst Elec...
BYG26D TAYCHIPST-BYG26D Datasheet
3Mb / 2P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com