Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR15A20-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SR15A20-G
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR15A20-G Datasheet(HTML) 2 Page - Comchip Technology

  SR15A20-G Datasheet HTML 1Page - Comchip Technology SR15A20-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
www.comchiptech.com
Schottky Barrier Rectifiers
FIG.1 - FORWARD CURRENT DERATING CURVE
60 Hz Resistive or
Inductive load
0
50
100
150
10.0
8.0
6.0
4.0
2.0
0
LEAD TEMPERATURE, oC
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
1.0
1
0.1
SR15A60-G
SR15A20-G ~ SR15A40-G
TJ = 25
oC
PULSE WIDTH = 300uS
1% DUTY CYCLE
TJ = 100
oC
TJ = 25
oC
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0
20
40
60
80
100
100
10
1
0.1
0.01
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
10
100
250
200
150
100
50
0
Pulse width 8.3ms
Single Half-Sire-Wave
(JEDEC Moethod)
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
10000
1000
100
0.1
1.0
4.0
10
100
TJ = 25
oC
F=1.0 MHz
Vsig = 50mVp-p
RATINGS AND CHARACTERISTIC CURVES SR15A20-G THRU SR15A60-G


Similar Part No. - SR15A20-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SR15A20F-G COMCHIP-SR15A20F-G Datasheet
51Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - SR15A20-G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com