Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. RS1
Description  SMA fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

RS1 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Feb 14
5
Philips Semiconductors
Product specification
SMA fast soft-recovery
controlled avalanche rectifiers
RS1 series
handbook, halfpage
102
10
1
MCD800
10−2
10−1
1
VR (V)
Cd
(pF)
10
102
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
102
10
1
MBL120
110
Zth j-tp
(K/W)
102
103
tp (ms)
104
Fig.7
Transient thermal impedance as a function
of pulse width.
MSB213
4.5
2.5
1.25
50
50
Fig.8 Printed-circuit board for surface mounting.
Dimensions in mm.
Material: Al2O3 or epoxy-glass.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn