Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASC7521A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ASC7521A
Description  LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7521A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ASC7521A Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
- 4 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05011
aSC7521A
SST Sensors
The SST temperature sensor provides a means for an analog
signal to travel over a single-wire digital bus enabling remote
temperature sensing in areas previously not monitored in the
PC. The temperature sensor supports an internal temperature
sensor and external thermal diodes.
This section outlines general requirements for Simple Serial
Transport (SST) sensors intended for use in PC desktop
applications that conform to SST Version 1.0 specification.
The aSC7521A reports external temperature sensed by a
remote diode-connected transistor and an internal temperature
measurement.
Addressing
The aSC7521A complies with the address range set aside for
fixed-address, discoverable devices as defined in the SST
Specification Version 1.0. Simple Temperature sensors use
fixed addresses in the range of 0x48 to 0x50. The aSC7521A
may be programmed to any of these addresses via the
address select pins AD0 and AD1.
Frame Check Sequence (FCS)
Each message requires a frame check sequence byte to
ensure reliable data exchange between host and client. The
message originator and client both make an FCS calculation.
One FCS byte must be returned from the message target to
the originator after all bytes including the header and the data
block are written. If data is read from the target, a second FCS
byte must follow the data block read.
The FCS byte is the result of an 8-bit cyclic redundancy check
(CRC) of the each data block preceding the FCS up to the
most recent, earlier FCS byte. The first FCS in the message
does not include the two address timing negotiation ‘0’ bits that
precede the address byte or the message timing negotiation bit
after the address byte. The first FCS does include the address
byte in its computation. The FCS is initialized at 0x00 and is
calculated in a way that conforms to a CRC-8 represented by
the CRC polynomial, C(x) = x
8 + x2 + x + 1.
Bus Voltage
All SST sensor devices used for PC applications must be
capable of operating the SST interface portion of the sensor
device at 1.5 volts as defined in 1.5 Volt Static (DC)
Characteristics section of the SST Version 1.0 specification
.
Bus Timing
All SST sensor devices must be able to negotiate timing and
operate at a maximum bus transfer rate of 2-Mbps. If the bus
address timing is negotiated at a lower rate due to the
performance limitations of other devices on the bus, the sensor
device will operate at that lower rate.
Device Power-on Timing
Following a power-on reset, such as a system transitioning
from S3-S5 to S0, the aSC7521A will be able to participate in
the address and message timing negotiation and respond to
required SST bus commands such as respond to a GetDIB()
command within 10ms of the device’s VDD rail reaching 90%.
The aSC7521A has an internal power on reset and will be fully
functional within 50ms of power on.
The aSC7521A does not employ any device power
management.
Voltage and Temperature Sensor Data
Little Endian Format
The bit level transfer is defined in the SST specification. The 2-
byte data values are returned in little Endian format, in other
words, the LSB is sent first followed by MSB.
For multi-function devices that allow access to multiple
sensors, the data is returned LSB followed by the MSB for the
first sensor, LSB followed by the MSB for the second sensor,
and so on. The specific order is explicitly specified in the
command description.
Atomic Readings
The aSC7521A ensures that every value returned is derived
from a single analog to digital conversion and is not skewed
(e.g. the MSB and the LSB come from two different
conversions).
Conversion Time
The maximum refresh time for all temperature values is
200ms. The aSC7521A provides the logic to ensure all
readings meet the conversion time requirements.
Temperature Data
Data Precision, Accuracy and Resolution
The temperature data meets the following minimum
requirements:
Operational Range: -40°C to +125°C
Internal Sensor Accuracy:
o
+/- 3°C over operational range
o
+/- 2°C over 40°C to 70°C
Remote Sensor Accuracy (when TA is from 0°C to
70°C):
o
+/- 3°C over operational range
o
+/- 1°C over 50°C to 70°C
Resolution: 0.125°C
Temperature Data Format
The data format is capable of reporting temperature values in
the range of +/-512°C. The temperature sensor data is
returned as a 2’s complement 16-bit binary value. It represents
the number of 1/64°C increments in the actual reading. This
allows temperatures to be represented with approximately a
0.016°C resolution.


Similar Part No. - ASC7521A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
ASC7512D8 ETC2-ASC7512D8 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results

Similar Description - ASC7521A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX31826 MAXIM-MAX31826 Datasheet
1Mb / 22P
   1-Wire Digital Temperature Sensor with 1Kb Lockable EEPROM
Rev 0; 3/12
MAX31820 MAXIM-MAX31820 Datasheet
1Mb / 21P
   1-Wire Ambient Temperature Sensor
Rev 0; 6/13
logo
Texas Instruments
TMP104 TI1-TMP104 Datasheet
665Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com