Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C410C109J1G5TA Datasheet(PDF) 5 Page - Kemet Corporation

Part No. C410C109J1G5TA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C109J1G5TA Datasheet(HTML) 5 Page - Kemet Corporation

  C410C109J1G5TA Datasheet HTML 1Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 2Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 3Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 4Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 5Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 6Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 7Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 8Page - Kemet Corporation C410C109J1G5TA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
CAPACITOR OUTLINE DRAWING
MAXIMUM DIMENSIONS—INCHES & (MILLIMETERS)
ORDERING INFORMATION
MARKING INFORMATION
LD
STYLE
L
D
LL
MAX
MAX
MIN
C410
.170 (4.32)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C412
.170 (4.32)
.120 (3.05)
.020 (.51)
1.0 (25.4)
C420
.260 (6.60)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C430
.290 (7.37)
.150 (3.81)
.020 (.51)
1.0 (25.4)
C440
.400 (10.16)
.150 (3.81)
.020 (.51)
1.0 (25.4)
+.001, -.003
(+.025, -.076)
M
104
410
T
5
C
A
U
5
C
CERAMIC
CASE SIZE
(See Table of Dimensions above)
SPECIFICATION
C — Standard
CAPACITANCE
Expressed in Picofarad Code (pF)
First Two Digits — Significant Figures
Third Digit — Number of Zeros
FAILURE RATE
INTERNAL CONSTRUCTION
CAPACITANCE TOLERANCE
J—
±5%
K—
±10%
M—
±20%
Z — –20 +80%
A — Not Applicable
TERM MATERIAL
T — 100% tin
H — SnPb
C — 100% Sn
(Not recommended for new design)
5 — Standard
DIELECTRIC
EIA Designation
G — C0G (NPO) — Ultra-Stable
R — X7R — Stable
U — Z5U — General Purpose
RATED VOLTAGE
1 — 100 Volts
5 — 50 Volts
2 — 200 Volts
*
*Part Number Example: C410C104M5U5CA (14 digits – no spaces)
LL
L
D
LD
K5R
104K
AB
0537
Manufacturer
(KEMET)
Rated Voltage
5 - 50 volts
1 - 100 volts
Dielectric
G – C0G/NP0
R – X7R
U – Z5U
Capacitance
Tolerance
Capacitance
Code
Lot
Code
Date
Code
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
5
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AXIAL MULTILAYER CERAMIC LEADED CAPACITORS 1  Sharma Electro Components,Inc
B37872U5222S011 Multilayer Ceramic Capacitors 1  2  3  4  5  More EPCOS
NMC Multilayer Ceramic Chip Capacitors 1  2  3  NIC-Components Corp.
B37937K9060 Multilayer Ceramic Capacitors 1  2  3  4  5  More EPCOS
NMCY5V Multilayer Ceramic Chip Capacitors 1  2  NIC-Components Corp.
NMCX5R Multilayer Ceramic Chip Capacitors 1  2  NIC-Components Corp.
B37830 Multilayer Ceramic Capacitors Array 1  2  3  4  5  More EPCOS
NMC-H Multilayer Ceramic Chip Capacitors 1  2  3  4  5  NIC-Components Corp.
SNPO471J050T2 Ceramic Capacitors 1  2  3  4  5  More Sharma Electro Components,Inc
C2012JB2E102K Ceramic Capacitors For Mid Voltage SMD 1  2  3  4  5  More TDK Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn