Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPXY8020A Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part No. MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MPXY8020A Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Sensors
12
Freescale Semiconductor
MPXY8000
SENSOR CHARACTERISTICS (MPXY8040A)
Pressure Error
Figure 12. Pressure Error vs Pressure at T= 25°C, 2.7 V
≤ VDD ≤ 3.0 V
Figure 13. Pressure Error vs VDD at T = 25°C, 500 kPa ≤ P ≤ 900kPa
Figure 14. Pressure Error vs Temperature at VDD = 3.0 V, 500 kPa ≤ P ≤ 900kPa
0
20
40
60
80
100
50
150
350
250
650
750
950
1050
Pressure [kPa]
1250
450
550
850
1150
0
10
20
30
2.1
2.3
2.9
3.3
3.5
VDD [V]
2.5
2.7
50
40
3.1
0
20
60
100
0
–20
20
40
60
80
100
120
Temperature [°C]
–40
80
40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPXV4006GIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXV5004G_07Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXV7007GIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5050Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPVZ5150Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5010Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5100Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5500Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5700Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5999DIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn