Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPXY8020A Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part No. MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MPXY8020A Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Sensors
Freescale Semiconductor
11
MPXY8000
SENSOR CHARACTERISTICS (MPXY8040A)
Pressure Transfer Function
kPa = 5.0 x Output ± (Pressure Error)
Output = 8-bit digital pressure measurement (between 0-255)
Pressure Error [±kPa]: 50 kPa
≤ P < 500 kPa
T[
°C] \ VDD[V]
2.1
2.3
2.5
2.7
3.0
3.3
3.6
40
80
75
70
70
70
70
75
20
70
60
55
55
55
55
60
0
60
50
454545
4555
25
55
45
40
40
40
45
50
70
70
55
50
50
50
50
55
100
80
70
65
65
65
65
70
125
90
85
80
80
80
80
80
Pressure Error [±kPa]: 500 kPa
≤ P < 900 kPa
T[
°C] \ VDD[V]
2.1
2.3
2.5
2.7
3.0
3.3
3.6
40
75
65
60
60
60
60
65
20
50
35
25
25
25
40
50
040
30
20
20
20
25
35
25
40
30
20
20
20
25
35
70
40
30
20
20
20
25
35
100
60
45
35
35
35
45
60
125
90
85
80
80
80
80
80
Pressure Error [±kPa]: 900 kPa
≤ P < 1000 kPa
T[
°C] \ VDD[V]
2.1
2.3
2.5
2.7
3.0
3.3
3.6
40
120
110
110
100
100
110
120
20
100
80
80
60
60
80
100
090
60
60
40
40
60
90
25
90
60
60
40
40
60
90
70
90
75
75
60
60
75
90
100
90
90
90
75
75
90
90
125
130
120
120
110
110
120
130
Pressure Error [±kPa]: 1000 kPa
≤ P < 1100 kPa
T[
°C] \ VDD[V]
2.1
2.3
2.5
2.7
3.0
3.3
3.6
40
130
120
120
100
100
120
130
20
110
90
90
60
70
90
110
090
80
80
50
50
80
90
25
90
80
80
50
50
80
90
70
90
75
75
60
60
75
90
100
130
110
110
100
100
110
130
125
140
130
130
120
120
130
140
Pressure Error [±kPa]: 1100 kPa
≤ P ≤1275 kPa
T[
°C] \ VDD[V]
2.1
2.3
2.5
2.7
3.0
3.3
3.6
40
150
140
140
120
120
140
150
20
120
100
100
80
80
100
120
0
110
90
90
80
80
90
110
25
110
90
90
80
80
90
110
70
120
120
120
120
120
130
150
100
160
140
140
140
140
160
160
125
210
200
200
200
200
210
210
Areas marked in grey indicate the typical operating range.
Pressure values beyond 900 kPa are from characterization only. Pressure readings above 680 kPa are not tested
in production.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPXV4006GIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXV5004G_07Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXV7007GIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5050Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPVZ5150Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5010Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5100Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5500Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5700Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5999DIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn