Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPXY8020A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part No. MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MPXY8020A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Sensors
6
Freescale Semiconductor
MPXY8000
ELECTRICAL SPECIFICATIONS
Maximum ratings are the extreme limits to which the
device can be exposed without permanently damaging it. The
device contains circuitry to protect the inputs against damage
from high static voltages; however, do not apply voltages
higher than those shown in the table below. Keep VIN and
VOUT within the range VSS ≤ (VIN or VOUT) ≤ VDD.
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Extra precaution must be taken by the user to protect the
chip from ESD. A charge of over 1000 volts can accumulate
on the human body or associated test equipment. A charge
of this magnitude can alter the performance or cause failure
of the chip. When handling the pressure sensor, proper ESD
precautions should be followed to avoid exposing the device
to discharges which may be detrimental to its performance.
Table 3. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
0.3 to +4.0
V
Short Circuit Capability (all pins excluding VDD and VSS)
Maximum High Voltage for 5 minutes
Minimum Low Voltage for 5 minutes
VSC
VSC
VDD
VSS
V
V
Substrate Current Injection
Current from any pin to VSS 0.3 VDC)
ISUB
600
µA
Electrostatic Discharge
Human Body Model (HBM)
Charged Device Model (CDM)
Machine Model (MM)
VESD
VESD
VESD
±1000
±1000
±200
V
V
V
Storage Temperature Range
Standard Temperature Range
Tstg
40 to +150
°C
Table 4. Operating Range
These are the limits normally expected in the application which define range of operation.
Characteristic
Symbol
Min
Typ
Max
Units
Supply Voltage
VDD
2.1
3.0
3.6
V
Operating Temperature Range
Standard Temperature Range
TA
TL
40
TH
+125
°C
Supply Current Drain
Standby Mode
−40°C to +85°C
+85°C to +100°C
+100°C to +125°C
Read Mode
−40°C to +125°C
Measure Temperature Mode
−40°C to +125°C
Measure Pressure Mode
−40°C to +10°C
+10°C to +60°C
+60°C to +125°C
ISTBY
ISTBY
ISTBY
IREAD
ITEMP
IPRESS
IPRESS
IPRESS
0.6
0.8
1.5
400
400
1400
1300
1200
0.9
1.2
2.2
600
600
1800
1700
1700
µA
µA
µA
µA
µA
µA
µA
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPXV4006GIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXV5004G_07Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXV7007GIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5050Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPVZ5150Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5010Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5100Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5500Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5700Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX5999DIntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn