Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM8.2NB2A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PZM8.2NB2A
Description  Voltage regulator double diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM8.2NB2A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PZM8.2NB2A Datasheet HTML 3Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 4Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 5Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 6Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 7Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 8Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 9Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 10Page - NXP Semiconductors PZM8.2NB2A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 Jun 11
7
Philips Semiconductors
Product specification
Voltage regulator double diodes
PZM-NA series
PACKAGE OUTLINE
UNIT
A1
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.50
0.35
0.26
0.10
3.1
2.7
1.7
1.3
0.95
e
1.9
3.0
2.5
0.33
0.23
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
SOT346
TO-236
SC-59
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.3
1.0
0.1
0.013
c
X
12
3
Plastic surface mounted package; 3 leads
SOT346
98-07-17


Similar Part No. - PZM8.2NB2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM8.2NB2 PHILIPS-PZM8.2NB2 Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
More results

Similar Description - PZM8.2NB2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB784 PHILIPS-BZB784 Datasheet
63Kb / 8P
   Voltage regulator double diodes
2001 Feb 27
logo
Unisonic Technologies
AZ23C UTC-AZ23C Datasheet
125Kb / 3P
   VOLTAGE REGULATOR DOUBLE DIODES
logo
NXP Semiconductors
BZB984 PHILIPS-BZB984 Datasheet
57Kb / 12P
   Voltage regulator double diodes
2002 Jun 21
logo
Nexperia B.V. All right...
BZB984_SER NEXPERIA-BZB984_SER Datasheet
275Kb / 10P
   Voltage regulator double diodes
Rev. 3 - 27 December 2022
BZB784_SERIES NEXPERIA-BZB784_SERIES Datasheet
192Kb / 9P
   Voltage regulator double diodes
2001 Feb 27
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
   Low-voltage avalanche regulator double diodes
1999 May 10
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com