Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE33C Datasheet(PDF) 1 Page - Comchip Technology

Part # P4KE33C
Description  400W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE33C Datasheet(HTML) 1 Page - Comchip Technology

  P4KE33C Datasheet HTML 1Page - Comchip Technology P4KE33C Datasheet HTML 2Page - Comchip Technology P4KE33C Datasheet HTML 3Page - Comchip Technology P4KE33C Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Case: Molded plastic DO-41
Polarity: by cathode band denotes uni-
directional device none cathode band
denoted bi-directional device
Weight: 0.34 gram
Mechanical Data:
Glass passivated chip
Low leakage
Uni and Bidirection unit
Excellent clamping capability
The plastic material has UL recognition
94V-0
Fast response time
Features:
Stand-off Voltage: 6.8 ~ 440V
Power Dissipation: 440 Walts
P4KE Series
400W Transient Voltage Suppressor
“-G” suffix designates RoHS compliant Version
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.160(4.1)
.034(.86)
.028(.71)
DIA.
.107(2.7)
.080(2.0)
DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
-55 to +150
VALUE
SYMBOL
PPK
IFSM
PM(AV)
VF
TJ, TSTG
Minimum 400
40
3.5
1.0
UNIT
Watts
Watts
V
A
o
C
Peak Power Dissipation at TL=25
o
C
TP=1ms
(Note 1,2)
at 35A for unidirectional devices only (Note 3)
Operating Junction and Storage Temperature
Steady State Power Dissipation at TL=75
o
C
Peak Forward Surge Current, 8.3ms single
Half sine-wave super imposed on rated load
(Note 3)
(JEDEC method)
Maximum lnstantaneous forward voltage
NOTES : (1) Non-repetitive current pulse, per fig. 3 and derated above TA=25
o
C per fig. 1.
(2) Thermal Resistance junction to ambient.
(3) 8.3ms single half-sine wave duty cycle= 4pulses maximum per minute(unidirectional units only).
Range


Similar Part No. - P4KE33C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE33C PANJIT-P4KE33C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P4KE33C LUGUANG-P4KE33C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Anova Technologies CO.,...
P4KE33C ANOVA-P4KE33C Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Transys Electronics
P4KE33C TRSYS-P4KE33C Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE33C LUGUANG-P4KE33C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE33C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com