Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMBT8050 Datasheet(PDF) 1 Page - Dc Components

Part # DMBT8050
Description  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DMBT8050 Datasheet(HTML) 1 Page - Dc Components

  DMBT8050 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DMBT8050
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose amplifier applications.
Pinning
1 = Base
2 = Emitter
3 = Collector
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Total Power Dissipation
PD
225
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Rank
C
D
E
Range
120~200
150~350
250~500
Classification of hFE
.091(2.30)
.067(1.70)
SOT-23
Dimensions in inches and (millimeters)
.063(1.60)
.055(1.40)
.108(0.65)
.089(0.25)
.045(1.15)
.034(0.85)
.118(3.00)
.110(2.80)
.020(0.50)
.012(0.30)
.0043(0.11)
.0035(0.09)
.004
(0.10)
.051(1.30)
.035(0.90)
.026(0.65)
.010(0.25)
Max
.027(0.67)
.013(0.32)
2
1
3
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
25
-
-
V
IC=10
µA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
20
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
5
-
-
V
IE=10
µA, IC=0
Collector Cutoff Current
ICBO
-
-
1
µA
VCB=20V, IE=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-
0.6
V
IC=500mA, IB=50mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
-
1.2
V
IC=500mA, IB=50mA
DC Current Gain(1)
hFE
120
-
500
-
IC=50mA, VCE=1V
Transition Frequency
fT
150
-
-
MHz
IC=20mA, VCE=10V, f=100MHz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - DMBT8050

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBT8550 DCCOM-DMBT8550 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - DMBT8050

ManufacturerPart #DatasheetDescription
logo
Dc Components
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD965 DCCOM-2SD965 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com