Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72BAFA-7 Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72BAFA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BAFA-7 Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72BAFA-7 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA -7,-8
MITSUBISHI LSIs
29.July.1998
MIT-DS-0243-0.0
1.4V
1.4V
DQ
CK
tAC
tOH
tOHZ
Output Load Condition
VOUT
50pF
50
VTT=1.4V
DQ
CK
Output Timing Measurement
Reference Point
1.4V
1.4V
BUFFER MODE
18
Unit
ns
ns
ns
Limits
Symbol Parameter
-7
Min.
Max.
tAC
Access time from CK
CL=2
6
ns
tOH
Output Hold time
3
from CK
tOLZ
Delay time, output low
impedance from CK
0
tOHZ
Delay time, output high
impedance from CK
3
6
-8
Min.
Max.
7
3
0
3
6
CL=3
6
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn