Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72BAFA-7 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72BAFA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BAFA-7 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72BAFA-7 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA -7,-8
MITSUBISHI LSIs
29.July.1998
MIT-DS-0243-0.0
BUFFER MODE
SWITCHING CHARACTERISTICS
(Ta=0 ~ 70°C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted)
LATCH MODE
17
Unit
ns
ns
ns
Limits
Symbol Parameter
-7
Min.
Max.
tAC
Access time from CK
CL=3
6
ns
tOH
Output Hold time
3
from CK
tOLZ
Delay time, output low
impedance from CK
0
tOHZ
Delay time, output high
impedance from CK
3
6
-8
Min.
Max.
7
3
0
3
6
CL=4
6
6
Limits
Symbol Parameter
-7
Unit
Min.
Max.
tCLK
CK cycle time
ns
tCH
CK High pulse width
3
10
ns
tCL
CK Low pilse width
3
ns
tT
Transition time of CK
1
10
ns
tIS
Input Setup time(all inputs)
7
ns
tIH
Input Hold time(all inputs)
0
ns
tRC
Row cycle time
70
ns
tRCD
Row to Column Delay
20
ns
tRAS
Row Active time
50
100000
ns
tRP
Row Precharge time
20
ns
tWR
Write Recovery time
10
ns
tRRD
Act to Act Deley time
20
ns
tCCD
Col to Col Delay time
10
ns
tRSC
Mode Register Set Cycle time
20
ns
tREF
Refresh Interval time
64
ms
CL=2
tSRX
Self Refresh Exit time
10
ns
-8
Min.
Max.
4
13
4
1
10
7
0
70
20
50
100000
20
10
20
10
20
64
10
10
CL=3
10
ns
Note:1 The timing requirements are assumed tT=1ns. If tT is longer than 1ns, (tT-1)ns
should be added to the parameter.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72PHB-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn