Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72BAFA-7 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72BAFA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BAFA-7 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72BAFA-7 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA -7,-8
MITSUBISHI LSIs
29.July.1998
MIT-DS-0243-0.0
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Condition
Ratings
Unit
Vdd
VI
VO
IO
Pd
Topr
Tstg
Supply Voltage
Input Voltage
Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
with respect to Vss
with respect to Vss
with respect to Vss
Ta=25°C
-0.5 ~ 4.6
-0.5 ~ 4.6
-0.5 ~ 4.6
50
39
0 ~ 70
-45 ~ 100
V
V
V
mA
W
°C
°C
RECOMMENDED OPERATING CONDITION
(Ta=0 ~ 70°C, unless otherwise noted)
Symbol
Vdd
Vss
VIH
VIL
Parameter
Supply Voltage
High-Level Input Voltage all inputs
Supply Voltage
Low-Level Input Voltage all inputs
Limits
Unit
Min.
Typ.
Max.
3.0
0
2.0
-0.3
3.3
0
3.6
0
Vdd+0.3
0.8
V
V
V
V
CAPACITANCE
(Ta=0 ~ 70°C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted)
Symbol
CI(A)
CI(C)
CI(K)
CI/O
Parameter
Input Capacitance, address pin
Input Capacitance, control pin
Input Capacitance, CK0 pin
Input Capacitance, I/O pin
Test Condition
Limits(max.)
Unit
VI = Vss
f=1MHz
Vi=25mVrms
20
20
20
29
pF
pF
pF
pF
14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72PHB-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn