Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72BAFA-7 Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72BAFA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BAFA-7 Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72BAFA-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA -7,-8
MITSUBISHI LSIs
29.July.1998
MIT-DS-0243-0.0
POWER ON SEQUENCE
Before starting normal operation, the following power on sequence is necessary to prevent a
SDRAM from damaged or malfunctioning.
1. Apply power and start clock. Attempt to maintain CKE high, DQMB high and NOP
condition at the inputs.
2. Maintain stable power, stable cock, and NOP input conditions for a minimum of 500µs.
3. Issue precharge commands for all banks. (PRE or PREA)
4. After all banks become idle state (after tRP), issue 8 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
After these sequence, the SDRAM is idle state and ready for normal operation.
MODE REGISTER
Burst Length, Burst Type and /CAS Latency can be
programmed by setting the mode register(MRS). The mode
register stores these date until the next MRS command, which
may be issue when both banks are in idle state. After tRSC from
a MRS command, the SDRAM is ready for new command.
12
R: Reserved for Future Use
BL
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
BURST
LENGTH
BT= 0
BT= 1
1
2
4
8
R
R
R
FP
1
2
4
8
R
R
R
R
0
1
BURST
TYPE
SEQUENTIAL
INTERLEAVED
A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA1
BA0
0
0
WM
0
0
LTMODE
BT
BL
0
0
CL
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
LATENCY
MODE
/CAS LATENCY
2
3
R
R
R
R
R
R
FP: Full Page
0
1
WRITE
MODE
BURST
SINGLE BIT
/CS
/RAS
/CAS
/WE
BA0,1 A11-A0
CLK
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72PHB-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn