Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72BAFA-7 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72BAFA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BAFA-7 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH32S72BAFA-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA -7,-8
MITSUBISHI LSIs
29.July.1998
MIT-DS-0243-0.0
DESCRIPTION
APPLICATION
Main memory unit for computers, Microcomputer memory.
FEATURES
Type name
100MHz
6ns
6ns
MH32S72BAFA-8
MH32S72BAFA-7
Utilizes industry standard 16M X 4 Synchronous DRAMs in
TSOP package , industry standard Resister in TSSOP
package , and industry standard PLL in TSSOP package.
Single 3.3V +/- 0.3V supply
Burst length 1/2/4/8/Full Page (programmable)
Burst type sequential / interleave (programmable)
Column access random
Burst Write / Single Write (programmable)
Auto precharge / Auto bank precharge controlled by A10
Auto refresh and Self refresh
LVTTL Interface
4096 refresh cycles every 64ms
Intel specifiation(rev. 1.0)compliant PCB and SPD 1.2A
Max.
Frequency
CLK
Access Time
[latch mode]
(CL = 4)
100MHz
1
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
The MH32S72BAFA is 33554432 - word x 72-bit
Synchronous DRAM stacked structural module. This consist
of thirty-six industry standard 16M x 4 Synchronous
DRAMs in TSOP.
The stacked structure of TSOP on a card edge dual in-line
package provides any application where high densities and
large of quantities memory are required.
This is a socket-type memory module ,suitable for easy
interchange or addition of module.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72PHB-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn