Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72BAFA-7 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72BAFA-7
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BAFA-7 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH32S72BAFA-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72BAFA-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA -7,-8
MITSUBISHI LSIs
29.July.1998
MIT-DS-0243-0.0
BASIC FUNCTIONS
/S
Chip Select : L=select, H=deselect
/RAS
Command
/CAS
Command
/WE
Command
CKE
Refresh Option @refresh command
A10
Precharge Option @precharge or read/write command
CK
define basic commands
The MH32S72BAFA provides basic functions,bank(row)activate,burst read / write,
bank(row)precharge,and auto / self refresh.
Each command is defined by control signals of /RAS,/CAS and /WE at CK rising edge. In
addition to 3 signals,/S,CKE and A10 are used as chip select,refresh option,and precharge
option,respectively.
To know the detailed definition of commands please see the command truth table.
Activate(ACT) [/RAS =L, /CAS = /WE =H]
Read(READ) [/RAS =H,/CAS =L, /WE =H]
Write(WRITE) [/RAS =H, /CAS = /WE =L]
Precharge(PRE) [/RAS =L, /CAS =H,/WE =L]
Auto-Refresh(REFA) [/RAS =/CAS =L, /WE =CKE =H]
ACT command activates a row in an idle bank indicated by BA.
READ command starts burst read from the active bank indicated by BA.First output
data appears after /CAS latency. When A10 =H at this command,the bank is
deactivated after the burst read(auto-precharge,READA).
WRITE command starts burst write to the active bank indicated by BA. Total data
length to be written is set by burst length. When A10 =H at this command, the bank is
deactivated after the burst write(auto-precharge,WRITEA).
PRE command deactivates the active bank indicated by BA. This command also
terminates burst read / write operation. When A10 =H at this command, both banks are
deactivated(precharge all, PREA).
PEFA command starts auto-refresh cycle. Refresh address including bank address are
generated internally. After this command, the banks are precharged automatically.
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72PHB-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn