Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DCR03B Datasheet(PDF) 1 Page - Dc Components

Part No. DCR03B
Description  TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DCCOM [Dc Components]
Homepage  http://www.dccomponents.com
Logo 

DCR03B Datasheet(HTML) 1 Page - Dc Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DCR03B
THRU
DCR03F
TO-92
DISCRETE SEMICONDUCTORS
R
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
VOLTAGE RANGE - 200 to 600 Volts
CURRENT - 0.3 Ampere
Description
* Driven directly with IC and MOS device
* Feature proprietary, void-free glass passivated chips
* Available in voltage ratings from 200 to 600 volts
* Sensitive gate trigger current
* Designed for high volume, line-powered control
application in relay lamp drivers, small motor controls,
gate drivers for large thyristors
Pinning
1 = Gate, 2 = Anode, 3 = Cathode
Dimensions in inches and (millimeters)
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
5oTyp
2oTyp
5oTyp
2oTyp
3 2 1
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Peak Repetitive Forward or Reverse
TJ=25oC
IDRM, IRRM
-
-
10
µA
VAK=Rated VDRM or VRRM
Off-State Blocking Current
TJ=110oC
-
-
100
RGK=1K
Peak Forward On-State Voltage
VTM
-
-
1.7
V
ITM=0.3A Peak
Continuous DC Gate Trigger Current
IGT
-
-
200
µA
VAK=7V DC, RL=100
Continuous DC Gate Trigger Voltage
VGT
-
-
0.8
V
VAK=7V DC, RL=100
DC Holding Current
IH
-
-
5.0
mA
RGK=1K
Critical Rate-of-Rise of Off-State Voltage
dv/dt
-
5.0
-
V/
µS
RGK=1K
Gate Controlled Turn-on Time(tD+tR)
Tgt
-
2.2
-
µsec
IGT=10mA
Thermal Resistance, Junction to Case
R
θJC
-
75
-
o
C/W
-
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
Characteristic
Symbol
Rating
Unit
Peak Repetitive Off-State
DCR03B
VDRM,
200
Voltage and Reverse Voltage
DCR03D
VRRM
400
V
DCR03F
600
On-State Average Current
IT(AV)
0.3
A
(TA=30oC, 180o Conduction Angles)
On-State RMS Current
IT(RMS)
0.47
A
(TA=30oC, 180o Conduction Angles)
Peak Non-repetitive Surge Current
ITSM
8
A
(1/2 Cycle, Sine Wave 60Hz)
Forward Peak Gate Current
IGM
0.1
A
Forward Peak Gate Power Dissipation
PGM
0.1
W
Forward Average Gate Power Dissipation
PG(AV)
0.01
W
Operating Junction Temperature
TJ
-40 to +110
o
C
Storage Temperature
TSTG
-40 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
DC COMPONENTS CO., LTD.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn