Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT3906 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZT3906
Description  PNP switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZT3906 Datasheet(HTML) 2 Page - NXP Semiconductors

  PZT3906 Datasheet HTML 1Page - NXP Semiconductors PZT3906 Datasheet HTML 2Page - NXP Semiconductors PZT3906 Datasheet HTML 3Page - NXP Semiconductors PZT3906 Datasheet HTML 4Page - NXP Semiconductors PZT3906 Datasheet HTML 5Page - NXP Semiconductors PZT3906 Datasheet HTML 6Page - NXP Semiconductors PZT3906 Datasheet HTML 7Page - NXP Semiconductors PZT3906 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 14
2
Philips Semiconductors
Product specification
PNP switching transistor
PZT3906
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• High-speed switching.
DESCRIPTION
PNP switching transistor in a SOT223 plastic package.
NPN complement: PZT3904.
PINNING
PIN
DESCRIPTION
1
base
2, 4
collector
3
emitter
Fig.1 Simplified outline (SOT223) and symbol.
handbook, halfpage
4
12
3
MAM288
Top view
3
2, 4
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−40
V
VCEO
collector-emitter voltage
open base
−−40
V
VEBO
emitter-base voltage
open collector
−−6V
IC
collector current (DC)
−−100
mA
ICM
peak collector current
−−200
mA
IBM
peak base current
−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1.05
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PZT3906

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PZT3906 STMICROELECTRONICS-PZT3906 Datasheet
46Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
Fairchild Semiconductor
PZT3906 FAIRCHILD-PZT3906 Datasheet
49Kb / 6P
   PNP General Purpose Amplifier
PZT3906 FAIRCHILD-PZT3906 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
logo
SeCoS Halbleitertechnol...
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
   Epitaxial Planar Transistor
More results

Similar Description - PZT3906

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com