Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR8A20-G Datasheet(PDF) 2 Page - Comchip Technology

Part No. SR8A20-G
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMCHIP [Comchip Technology]
Homepage  http://www.comchiptech.com
Logo 

SR8A20-G Datasheet(HTML) 2 Page - Comchip Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
www.comchiptech.com
Schottky Barrier Rectifiers
FIG.1 - FORWARD CURRENT DERATING CURVE
60 Hz Resistive or
Inductive load
0
50
100
150
8.0
6.0
4.0
2.0
1.0
0
LEAD TEMPERATURE, oC
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
100
10
1
0.1
SR8A60-G
SR8A20-G ~ SR8A40-G
SR8A80-G
SR8A100-G
TJ = 25
oC
PULSE WIDTH = 300uS
1% DUTY CYCLE
TJ = 100
oC
TJ = 25
oC
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0
20
40
60
80
100
100
10
1
0.1
0.01
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
10
100
150
125
100
75
50
25
0
Pulse width 8.3ms
Single Half-Sire-Wave
(JEDEC Moethod)
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
10000
1000
100
0.1
1.0
4.0
10
100
TJ = 25
oC
F=1.0 MHz
Vsig = 50mVp-p
RATINGS AND CHARACTERISTIC CURVES SR8A20-G THRU SR8A100-G


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N5820_13.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
SRF1070CESwitchmode Full Plastic Dual Schottky Barrier Power Rectifiers 1 2 Mospec Semiconductor
SD830_18.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
CDBB320-GSMD Schottky Barrier Rectifiers 1 2 Comchip Technology
MBR4030PTWide Temperature Range and High Tjm Schottky Barrier Rectifiers 1 2 List of Unclassifed Manufacturers
CDBC320-GSMD Schottky Barrier Rectifiers 1 2 Comchip Technology
CDBC520-GSMD Schottky Barrier Rectifiers 1 2 Comchip Technology
SR5A20-GSchottky Barrier Rectifiers 1 2 Comchip Technology
SR5A20F-GSchottky Barrier Rectifiers 1 2 Comchip Technology
CDBA120-GSMD Schottky Barrier rectifiers 1 2 Comchip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn