Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRT55C16-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRT55C16-G
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT55C16-G Datasheet(HTML) 2 Page - Comchip Technology

  CZRT55C16-G Datasheet HTML 1Page - Comchip Technology CZRT55C16-G Datasheet HTML 2Page - Comchip Technology CZRT55C16-G Datasheet HTML 3Page - Comchip Technology CZRT55C16-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page2
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com
CZRT55C2V4-G thru CZRT55C39-G
Surface Mount Zener Diodes
“-G” suffix designated RoHS compliant version
IZM@ TA
Nom. V Min. V
Max. V
Ohm
mA
Ohm
mA
nA
V
mA
CZRT55C2V4-G
2.4
2.28
2.56
8 5
5
600
1
100000
1
-0.075
-
CZRT55C2V7-G
2.7
2.5
2.9
83
5
500
1
75000
1
-0.065
134
CZRT55C3V0-G
3.0
2.8
3.2
95
5
500
1
50000
1
-0.06
118
CZRT55C3V3-G
3.3
3.1
3.5
95
5
500
1
25000
1
-0.055
109
CZRT55C3V6-G
3.6
3.4
3.8
9 5
5
500
1
15000
1
-0.055
100
CZRT55C3V9-G
3.9
3.7
4.1
95
5
500
1
10000
1
-0.05
92
CZRT55C4V3-G
4.3
4
4.6
95
5
500
1
5000
1
-0.035
84
CZRT55C4V7-G
4.7
4.4
5
78
5
500
1
5000
2
-0.015
76
CZRT55C5V1-G
5.1
4.8
5.4
60
5
480
1
100
0.8
0.005
67
CZRT55C5V6-G
5.6
5.2
6
40
5
400
1
100
1
0.02
59
CZRT55C6V2-G
6.2
5.8
6.6
10
5
200
1
100
2
0.03
54
CZRT55C6V8-G
6.8
6.4
7.2
8
5
150
1
100
3
0.045
49
CZRT55C7V5-G
7.5
7
7.9
7
5
50
1
100
5
0.05
44
CZRT55C8V2-G
8.2
7.7
8.7
7
5
50
1
100
6
0.055
40
CZRT55C9V1-G
9.1
8.5
9.6
10
5
50
1
100
7
0.065
36
CZRT55C10-G
10.0
9.4
10.6
15
5
70
1
100
7.5
0.07
33
CZRT55C11-G
11.0
10.4
11.6
20
5
70
1
100
8.5
0.075
30
CZRT55C12-G
12.0
11.4
12.7
20
5
90
1
100
9
0.08
28
CZRT55C13-G
13.0
12.4
14.1
25
5
110
1
100
10
0.08
25
CZRT55C15-G
15
13.8
15.6
30
5
110
1
100
11
0.09
23
CZRT55C16-G
16
15.3
17.1
40
5
170
1
100
12
0.09
20
CZRT55C18-G
18
16.8
19.1
50
5
170
1
100
14
0.09
18
CZRT55C20-G
20
18.8
21.2
50
5
220
1
100
15
0.09
17
CZRT55C22-G
22
20.8
23.3
55
5
220
1
100
17
0.09
16
CZRT55C24-G
24
22.8
25.6
80
5
220
1
100
18
0.09
13
CZRT55C27-G
27
25.1
28.9
80
5
250
1
100
20
0.09
12
CZRT55C30-G
30
28
32
80
5
250
1
100
22.5
0.09
10
CZRT55C33-G
33
31
35
80
5
250
1
100
25
0.09
9
CZRT55C36-G
36
34
38
90
5
250
1
100
27
0.09
9
CZRT55C39-G
39
37
41
90
5
300
1
100
29
0.11
8
NOTE:
1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
2.Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, fromthe diode body.
4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener
current (IZT or IZK) is superimposed on IZT or IZK.
5.Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine
wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
Maximum Ratings and Electrical Characterics
(TA=25°C unless otherwise noted) VF=1.2V max, IF=100mA for all types
Max. Zener Impedance
Nominal Zener Voltage
410 mWatts Zener Diodes
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
Part Number
IR @ VR
Max Reverse
Leakage
Current
Max Zener
Current
Typical
Temp.
Coefficient
TC


Similar Part No. - CZRT55C16-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRT55C16 COMCHIP-CZRT55C16 Datasheet
70Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - CZRT55C16-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com