Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF8A01-G Datasheet(PDF) 1 Page - Comchip Technology

Part # UF8A01-G
Description  Glass Passivated Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

UF8A01-G Datasheet(HTML) 1 Page - Comchip Technology

  UF8A01-G Datasheet HTML 1Page - Comchip Technology UF8A01-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
TO-220AC
UF8A01-G THRU UF8A05-G
Voltage Range 50 to 600 V
Current 8.0 Ampere
Glass Passivated Ultra Fast Recovery Rectifier
UF
8A01-G
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
UF
8A02-G
UF
8A03-G
UF
8A04-G
UF
8A05-G
50
100
200
140
200
600
35
70
420
50
100
600
8.0
10.0
150
1.3
1.0
1.7
50
75
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
o
CW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic TO-220AC
High surge current capability
Weight: 2.03 grams
Polarity:Color band denotes cathode
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
1
2
MAX.412(10.5)
.06(1.52)
.05(1.27)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
.037(0.94)
.027(0.68)
DIA
.205(5.20)
.195(4.95)
.154(3.91)
.148(3.74)
PIN
12
.185(4.70)
.175(4.44)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.055(1.40)
.045(1.14)
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921


Similar Part No. - UF8A01-G

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01F YENYO-UF8A01F Datasheet
851Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF8A01F-G COMCHIP-UF8A01F-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results

Similar Description - UF8A01-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF20C01CF YENYO-UF20C01CF Datasheet
845Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF30P01 YENYO-UF30P01 Datasheet
674Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF501G YENYO-UF501G Datasheet
662Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF20C01C-G COMCHIP-UF20C01C-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01F-G COMCHIP-UF8A01F-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF-G COMCHIP-UF16C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com