Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRA4756 Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRA4756
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4756 Datasheet(HTML) 3 Page - Comchip Technology

  CZRA4756 Datasheet HTML 1Page - Comchip Technology CZRA4756 Datasheet HTML 2Page - Comchip Technology CZRA4756 Datasheet HTML 3Page - Comchip Technology CZRA4756 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT ZENER DIODE
SURFACE MOUNT ZENER DIODE
MDS0208021B
Page3
RATING AND CHARACTERISTICS CURVES
CZRA4740 THRU CZRA4764
1.25
1.0
0.75
0.50
0.25
0
0 20 40 60 80 100 120 140 160 180 200
L = LEAD LENTGH TO
HEAT SINK
TL, LEAD TEMPERATURE
Fig. 1-POWER TEMPERATURE DERATING CURVE
RANGE
+12
+10
+8.0
+6.0
+4.0
+2.0
0
-2.0
-4.0
234
5
6789
10 11 12
VZ @ IZT
VZ, ZENER VOLTAGE (VOLTS)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
10
20
30
50
70
100
RANGE
V
Z @ IZT
VZ, ZENER VOLTAGE (VOLTS)
Fig. 2-TEMPERATURE COEFFICIENTS
(-55°C TO +150°C TEMPERATURE RANGE; 90% OF THE UNITS ARE IN THE RANGES INDICATED.)
175
150
125
100
75
50
25
0
0 .1
.2 .3 .4 .5 .6 .7 .8 .9 1.0
L, LEAD LENGTH TO HEAT SINK (INCKES)
20mA
+6.0
+4.0
+2.0
0
-2.0
-4.0
34
567
8
VZ @ IZT
TA = 25°C
1.0mA
0.01mA
NOTE:BELOW 3 VOLTS AND ABOVE 8
CHANGES IN ZENER CURRENT DO
AFFECT TEMPERATURE
VZ, ZENER VOLTAGE (VOLTS)
Fig.3-TYPICAL THERMAL RESISTANCE VERSUS LEAD
LENGTH
Fig. 4-EFFECT OF ZENER CURRENT
SMD DIODE SPECIALIST
COMCHIP
Comchip Technology Corporation • Tel: 510-657-8671 • Fax: 510-657-8921 • www.comchiptech.com


Similar Part No. - CZRA4756

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA4756 COMCHIP-CZRA4756 Datasheet
112Kb / 4P
   SURFACE MOUNT ZENER DIODE
CZRA4756-G COMCHIP-CZRA4756-G Datasheet
277Kb / 6P
   SMD Zener Diode
CZRA4756B-HF COMCHIP-CZRA4756B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4756B-HF COMCHIP-CZRA4756B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4756B-HF COMCHIP-CZRA4756B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRA4756

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com