Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM-NA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PZM-NA
Description  Voltage regulator double diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM-NA Datasheet(HTML) 4 Page - NXP Semiconductors

  PZM-NA Datasheet HTML 1Page - NXP Semiconductors PZM-NA Datasheet HTML 2Page - NXP Semiconductors PZM-NA Datasheet HTML 3Page - NXP Semiconductors PZM-NA Datasheet HTML 4Page - NXP Semiconductors PZM-NA Datasheet HTML 5Page - NXP Semiconductors PZM-NA Datasheet HTML 6Page - NXP Semiconductors PZM-NA Datasheet HTML 7Page - NXP Semiconductors PZM-NA Datasheet HTML 8Page - NXP Semiconductors PZM-NA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Jun 11
4
Philips Semiconductors
Product specification
Voltage regulator double diodes
PZM-NA series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.2
0.9
V
IF = 100 mA; see Fig.2
1.1
V
IR
reverse current
PZM2.4NBA
VR =1V
50
µA
PZM2.7NB2A
VR =1V
20
µA
PZM3.0NB2A
VR =1V
10
µA
PZM3.3NB2A
VR =1V
5
µA
PZM3.6NB2A
VR =1V
5
µA
PZM3.9NB2A
VR =1V
3
µA
PZM4.3NB2A
VR =1V
3
µA
PZM4.7NB2A
VR =1V
3
µA
PZM5.1NB2A
VR = 1.5 V
3
µA
PZM5.6NB2A
VR = 2.5 V
2
µA
PZM6.2NB2A
VR = 3.0 V
2
µA
PZM6.8NB2A
VR = 3.5 V
2
µA
PZM7.5NB2A
VR = 4.0 V
1
µA
PZM8.2NB2A
VR = 5.0 V
700
nA
PZM9.1NB2A
VR = 6.0 V
500
nA
PZM10NB2A
VR = 7.0 V
200
nA
PZM11NB2A
VR = 8.0 V
100
nA
PZM12NB2A
VR = 9.0 V
100
nA
PZM13NB2A
VR = 10.0 V
100
nA
PZM15NB2A
VR = 11.0 V
70
nA


Similar Part No. - PZM-NA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM-N PHILIPS-PZM-N Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
More results

Similar Description - PZM-NA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB784 PHILIPS-BZB784 Datasheet
63Kb / 8P
   Voltage regulator double diodes
2001 Feb 27
logo
Unisonic Technologies
AZ23C UTC-AZ23C Datasheet
125Kb / 3P
   VOLTAGE REGULATOR DOUBLE DIODES
logo
NXP Semiconductors
BZB984 PHILIPS-BZB984 Datasheet
57Kb / 12P
   Voltage regulator double diodes
2002 Jun 21
logo
Nexperia B.V. All right...
BZB984_SER NEXPERIA-BZB984_SER Datasheet
275Kb / 10P
   Voltage regulator double diodes
Rev. 3 - 27 December 2022
BZB784_SERIES NEXPERIA-BZB784_SERIES Datasheet
192Kb / 9P
   Voltage regulator double diodes
2001 Feb 27
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
   Low-voltage avalanche regulator double diodes
1999 May 10
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com