Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDN1415V-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CTDN1415V-G
Description  300 Watt Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CTDN1415V-G Datasheet(HTML) 3 Page - Comchip Technology

  CTDN1415V-G Datasheet HTML 1Page - Comchip Technology CTDN1415V-G Datasheet HTML 2Page - Comchip Technology CTDN1415V-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Information:
Dimensions in ( mm )
Package
Code
Package
Power
Number of
Pins
L + 0.2
W + 0.2
w + 0.2
+ 0.2
p
+ 0.1
A + 0.1
+ 0.1
N08
0.4 w
08
4.83
5.99
3.81
1.60
1.27
0.41
0.66
N14
0.6 w
14
8.66
5.99
3.81
1.60
1.27
0.41
0.66
S03
0.225 w
3
2.92
2.30
0.95
1.91
0.95
0.53
0.43
S06
0.225 w
6
2.92
2.80
1.20
1.91
0.95
0.53
0.43
a
L
W
H
p
w
c
W
L
e
p
SOT-23
d
e
W
L
p
SOT23-6
d
300 Watt
Transient Voltage Suppressor
ed
+ 0.2
H
0.95
0.95
0.95
0.95


Similar Part No. - CTDN1415V-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CTDN1412V-G COMCHIP-CTDN1412V-G Datasheet
169Kb / 3P
   300W Transient Voltage Suppressor
More results

Similar Description - CTDN1415V-G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
   Transient Voltage Suppressor 300 Watt
logo
Rectron Semiconductor
TMPG06-27 RECTRON-TMPG06-27 Datasheet
28Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR 300 WATT PEAK POWER 1.0 WATT STEADY STATE
logo
Nexperia B.V. All right...
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
   300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
PTVS22VU1UPA NEXPERIA-PTVS22VU1UPA Datasheet
262Kb / 13P
   300 W Transient Voltage Suppressor
PTVS24VU1UPA NEXPERIA-PTVS24VU1UPA Datasheet
265Kb / 13P
   300 W Transient Voltage Suppressor
PTVS20VU1UPA NEXPERIA-PTVS20VU1UPA Datasheet
260Kb / 14P
   300 W Transient Voltage Suppressor
PTVSXU1UPA NEXPERIA-PTVSXU1UPA Datasheet
510Kb / 13P
   300 W Transient Voltage Suppressor
logo
Microsemi Corporation
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
   600 Watt TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com