Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK225L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SK225L
Description  2 Amp Schottky Rectifier 25 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK225L Datasheet(HTML) 2 Page - Micro Commercial Components

  SK225L Datasheet HTML 1Page - Micro Commercial Components SK225L Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK225L
Figure 5
New SMA Assembly
Round Lead
Process
Maximum Allowable Case Temperature -
°C versus
Average Forward Current - Amperes
Figure 1
Typical Forward Characteristics
0
.2
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
.8
1.0
2.0
4.0
6.0
8.0
10
20
40
60
80
100
25
°C
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Volts
Amps
1
10
100
10
20
30
40
50
60
Figure 3
Maximum Nonrepetitive Surge Current
TL = 70
°C
Peak Forward Current - Amperesversus
Number of Cycles at 60Hz
Amps
Cycles
Figure 4
Forward Current Derating
.4
.8 1.2 1.6 2.0 2.4 2.8 3.2
3.6
4.0
90
95
100
105
110
115
120
125
Resistive or
Inductive Load
Amps
°C
Figure 2
Typical Reverse Characteristics
0
5
10
15
20
25
30
35
40
45
50
.001
.01
.1
1.0
10
100
100
°C
75
°C
25
°C
Typical Reverse Current - mAversus
Reverse Voltage - Volts
mA
Volts
www.mccsemi.com
MCC
Revision: 3
2003/04/30
TM
Micro Commercial Components


Similar Part No. - SK225L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK225L MCC-SK225L Datasheet
244Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
SK225L MCC-SK225L Datasheet
418Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
SK225L MCC-SK225L_11 Datasheet
244Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
SK225L MCC-SK225L_16 Datasheet
418Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
More results

Similar Description - SK225L

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR007 SSDI-SSR007 Datasheet
50Kb / 2P
   2 AMP 25 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SK225L MCC-SK225L_11 Datasheet
244Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
SK225L MCC-SK225L_16 Datasheet
418Kb / 3P
   2 Amp Schottky Rectifier 25 Volts
RB495D MCC-RB495D Datasheet
857Kb / 4P
   0.4 Amp Schottky Barrier Rectifier 25 Volts
SD41 MCC-SD41 Datasheet
107Kb / 3P
   25 Amp Schottky Barrier Rectifier 45 Volts
logo
Solid States Devices, I...
SEP0125 SSDI-SEP0125 Datasheet
44Kb / 2P
   1 AMP 25 VOLTS SUPER SCHOTTKY RECTIFIER
SED20HB25 SSDI-SED20HB25 Datasheet
41Kb / 2P
   20 AMP 25 VOLTS SUPER SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
RB495DS MCC-RB495DS_17 Datasheet
391Kb / 3P
   0.4 Amp Schottky Barrier Rectifier 25 Volts
RB495DS MCC-RB495DS Datasheet
171Kb / 2P
   0.4 Amp Schottky Barrier Rectifier 25 Volts
SS210H-LTP MCC-SS210H-LTP Datasheet
331Kb / 2P
   2 Amp Schottky Rectifier 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com