Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA352GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RA352GP
Description  35Amp Glass Passivated Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RA352GP Datasheet(HTML) 1 Page - Micro Commercial Components

  RA352GP Datasheet HTML 1Page - Micro Commercial Components RA352GP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RA351GP
THRU
RA357GP
35Amp Glass
Passivated Rectifier
RA
Features
Maximum Ratings
Operating Temperature: -55
°C to +175°C
Storage Temperature: -55
°C to +175°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RA351GP
---
50V
35V
50V
RA352GP
---
100V
70V
100V
RA353GP
---
200V
140V
200V
RA354GP
---
400V
280V
400V
RA355GP
---
600V
420V
600V
RA356GP
---
800V
560V
800V
RA357GP
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35A
TA = 150
°C
Peak Forward Surge
Current
IFSM
500A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 35A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
150
µA
TJ = 25
°C
TJ =
100 °C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
www.mccsemi.com
A
B
C
D
E
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.380
.410
9.70
10.40
B
.165
.185
4.20
4.70
C
.215
.220
5.50
5.70
Glass Passivated Chip
Low Leakage, Low cost
Low Forward Voltage Drop
High Current Capability
For Automotive Applications
E
----
5'
---
5'
D
.234
.250
6.00
6.40
50 to 1000 Volts
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 4
2004/04/02
TM
Micro Commercial Components


Similar Part No. - RA352GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA352GP MCC-RA352GP Datasheet
103Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - RA352GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SRA351GP MCC-SRA351GP Datasheet
203Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
RA351GP MCC-RA351GP_08 Datasheet
103Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA351 MCC-SRA351 Datasheet
203Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
RA351 MCC-RA351 Datasheet
92Kb / 2P
   35Amp Recover Rectifier 50 to 1000 Volts
RA351 MCC-RA351_08 Datasheet
129Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
PF351 MCC-PF351 Datasheet
89Kb / 2P
   35Amp Fast Recover Rectifier 50 to 1000 Volts
SRA501GP MCC-SRA501GP Datasheet
216Kb / 3P
   50Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA251GP MCC-SRA251GP Datasheet
186Kb / 3P
   25Amp Glass Passivated Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RL251GP CHENYI-RL251GP Datasheet
70Kb / 2P
   2.5Amp glass passivated rectifier 50-1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com