Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8270CZQP Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8270CZQP
Description  PowerQUICC II??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CZQP Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8270CZQP Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8270CZQP Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
57
Pinout
Symbols used in Table 21 are described in Table 22.
PCI_MODE 4
AF25
SPARE63
V4
No connect 5
AA1, AG4
I/O power
AG21, AG14, AG8, AJ1, AJ2,
AH1, AH2, AG3, AF4, AE5, AC27,
Y27, T27, P27, K26, G27, AE25,
AF26, AG27, AH28, AH29, AJ28,
AJ29, C7, C14, C16, C20, C23,
E10, A28, A29, B28, B29, C27,
D26, E25, H3, M4, T3, AA4, A1,
A2, B1, B2, C3, D4, E5
Core power
U28, U29, K28, K29, A9, A19,
B19, M1, M2, Y1, Y2, AC1, AC2,
AH19, AJ19, AH10, AJ10, AJ5
Ground
AA5, AB1 6, AB2 7, AF21, AF14,
AF8, AE7, AF11, AE17, AE23,
AC26, AB25, Y26, V25, T26, R25,
P26, M25, K27, H25, G26, D7,
D10, D14, D16, D20, D23, C9,
E11, E13, E15, E19, E22, B3, G5,
H4, K5, M3, P5, T4, Y5, AA2, AC3
1
Should be tied to VDDH via a 2K
Ω external pull-up resistor.
2
The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
3
Must be pulled down or left floating.
4
If PCI is not desired, must be pulled up or left floating.
5
Sphere is not connected to die.
6
GNDSYN (AB1): This pin exists as a separate ground signal in MPC826x(A) devices; it does not exist as a separate
ground signal on the MPC8280. New designs must connect AB1 to GND and follow the suggestions in Section 4.6,
“Layout Practices.” Old designs in which the MPC8280 is used as a drop-in replacement can leave the pin connected
to GND with the noise filtering capacitors.
7
XFC (AB2) pin: This pin is used in MPC826x(A) devices; it is not used in MPC8280 because there is no need for
external capacitor to operate the PLL. New designs should connect AB2 (XFC) pin to GND. Old designs in which the
MPC8280 is used as a drop-in replacement can leave the pin connected to the current capacitor.
Table 22. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low.
UTM
Indicates that a signal is part of the UTOPIA master interface.
UTS
Indicates that a signal is part of the UTOPIA slave interface.
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only


Similar Part No. - MPC8270CZQP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8270CZQPX NXP-MPC8270CZQPX Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results

Similar Description - MPC8270CZQP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
logo
Freescale Semiconductor...
MPC8270CVVUPEA FREESCALE-MPC8270CVVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8280EC FREESCALE-MPC8280EC Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8280CZUUPEA FREESCALE-MPC8280CZUUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com