Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTG Datasheet(PDF) 3 Page - Micro Commercial Components

Part # NTG
Description  High Accuracy NTC Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

NTG Datasheet(HTML) 3 Page - Micro Commercial Components

  NTG Datasheet HTML 1Page - Micro Commercial Components NTG Datasheet HTML 2Page - Micro Commercial Components NTG Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.mccsemi.com
Revision: 1
2006/01/06
NTG Series
MCC
Type No.
NTG
XXX
XX
Series Name
1
2
3
1
2
3
Resistance , for example :
502-------5kohm
103-------10kohm
403-------40kohm
503-------50kohm
104-------100kohm
Range of B Value, for example
3550-------3550K
3750
-------3750K
TM
Micro Commercial Components
X
44
44 Tolerance of R25, for example:
1------------ Tolerance of R25 is 1%
5------------ Tolerance of R25 is 5%
X
X


Similar Part No. - NTG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
NTG MCC-NTG Datasheet
451Kb / 4P
   High Accuracy NTC Thermistors
NTG1033850 MCC-NTG1033850 Datasheet
251Kb / 2P
   High Accuracy NTC Thermistors
NTG1033950 MCC-NTG1033950 Datasheet
251Kb / 2P
   High Accuracy NTC Thermistors
NTG1043850 MCC-NTG1043850 Datasheet
251Kb / 2P
   High Accuracy NTC Thermistors
NTG1043950 MCC-NTG1043950 Datasheet
251Kb / 2P
   High Accuracy NTC Thermistors
More results

Similar Description - NTG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
NTG222-3950 MCC-NTG222-3950 Datasheet
251Kb / 2P
   High Accuracy NTC Thermistors
NTG MCC-NTG_10 Datasheet
451Kb / 4P
   High Accuracy NTC Thermistors
logo
List of Unclassifed Man...
MF58 ETC-MF58 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
logo
Vishay Siliconix
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
   NTC Thermistors, Accuracy Line
Revision: 10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
   NTC Thermistors, Accuracy Line
Revision: 15-Jun-04
232264010472 VISHAY-232264010472 Datasheet
56Kb / 4P
   NTC Thermistors, Special Accuracy
Revision: 10-Oct-03
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com