Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L06F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MC78L06F
Description  Three-Terminal Low Current Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MC78L06F Datasheet(HTML) 1 Page - Micro Commercial Components

  MC78L06F Datasheet HTML 1Page - Micro Commercial Components MC78L06F Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

MC78L06F

 
 
 




















Features
 &&'(
 ) *+ ,
-.%  /0&,
Maximum Ratings

 
 

 &1 (

1

1
* (4&) &
)
""""5

() &/(
)
"33"""53

5.75

6.0V
6.25V

 
6.3V
8.5V





8.5V

 
12.8mV
80mV

 
!
"#$

#$
&#$


54

175

125

8.5
 
9
 
'#()$
&&$



6.0



9

'#()$
&&$
*$





#(



9uV
"#
"0)#$
""
!1
46dB

.,- 
2&

 

 

 
7-86  ,,9 &: 6,
 ,& ,: ,  : 
(& 
)6   
MC78L06F
Input
Cin
0.33µF
CO
Output
0.1
µF
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
5.7V
5.7V
6.3V
5.8mV
40mV
70
 
64mV
3.9mA
10Hz
f100KHz

























 

 
 




























































SOT-89
B
A
E
D
G
H
F
K
J
C
1
2
3
1. OUT
2. GND
3. IN
Electrical Characteristics( V i=1
2V, IO=40mA, 0oC <Tj<125oC,
C1=0.33uF, CO=0.1uF, unless otherwise specified)
Parameter
Sym
Min
Typ
Max
Test conditions
Revision: 2
2006/05/04
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0


Similar Part No. - MC78L06F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC78L06F MCC-MC78L06F Datasheet
271Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06F MCC-MC78L06F Datasheet
166Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulat
MC78L06F-TP MCC-MC78L06F-TP Datasheet
166Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulat
MC78L06F MCC-MC78L06F_09 Datasheet
166Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulat
MC78L06F MCC-MC78L06F_11 Datasheet
271Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
More results

Similar Description - MC78L06F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L05 ANPEC-APL78L05_11 Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78L05BP MCC-MC78L05BP Datasheet
107Kb / 3P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com